Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2844D Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce UC2844D
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC2844D Fiches technique(HTML) 5 Page - Motorola, Inc

  UC2844D Datasheet HTML 1Page - Motorola, Inc UC2844D Datasheet HTML 2Page - Motorola, Inc UC2844D Datasheet HTML 3Page - Motorola, Inc UC2844D Datasheet HTML 4Page - Motorola, Inc UC2844D Datasheet HTML 5Page - Motorola, Inc UC2844D Datasheet HTML 6Page - Motorola, Inc UC2844D Datasheet HTML 7Page - Motorola, Inc UC2844D Datasheet HTML 8Page - Motorola, Inc UC2844D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UC3844, 45 UC2844, 45
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Reference Voltage Change
versus Source Current
Figure 8. Reference Short Circuit Current
versus Temperature
Figure 9. Reference Load Regulation
Figure 10. Reference Line Regulation
2.0 ms/DIV
2.0 ms/DIV
VCC = 12 V to 25 V
TA = 25°C
0
20
40
60
80
100
120
Iref, REFERENCE SOURCE CURRENT (mA)
VCC = 15 V
TA = –55°C
TA = 25°C
TA = 125°C
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
RL ≤ 0.1 Ω
Figure 11. Output Saturation Voltage
versus Load Current
Figure 12. Output Waveform
50 ns/DIV
VCC = 15 V
CL = 1.0 nF
TA = 25°C
800
600
400
200
0
IO, OUTPUT LOAD CURRENT (mA)
VCC
TA = 25°C
TA = –55°C
Sink Saturation
(Load to VCC)
Gnd
Source Saturation
(Load to Ground)
TA = –55°C
VCC = 15 V
80
µs Pulsed Load
120 Hz Rate
TA = 25°C
VCC = 15 V
IO = 1.0 mA to 20 mA
TA = 25°C
0
–4.0
–8.0
–12
–16
–20
–24
110
90
70
50
90%
10%
0
1.0
2.0
3.0
–2.0
–1.0
0


Numéro de pièce similaire - UC2844D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC2844D TI1-UC2844D Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
STMicroelectronics
UC2844D STMICROELECTRONICS-UC2844D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844D TI-UC2844D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
617Kb / 16P
   High Performance Current Mode Controllers
July, 2006 ??Rev. 7
More results

Description similaire - UC2844D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com