Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842BN Fiches technique(PDF) 10 Page - Motorola, Inc

No de pièce UC3842BN
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3842BN Fiches technique(HTML) 10 Page - Motorola, Inc

Back Button UC3842BN Datasheet HTML 6Page - Motorola, Inc UC3842BN Datasheet HTML 7Page - Motorola, Inc UC3842BN Datasheet HTML 8Page - Motorola, Inc UC3842BN Datasheet HTML 9Page - Motorola, Inc UC3842BN Datasheet HTML 10Page - Motorola, Inc UC3842BN Datasheet HTML 11Page - Motorola, Inc UC3842BN Datasheet HTML 12Page - Motorola, Inc UC3842BN Datasheet HTML 13Page - Motorola, Inc UC3842BN Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
UC3842B, 43B UC2842B, 43B
10
MOTOROLA ANALOG IC DEVICE DATA
Undervoltage Lockout
Two undervoltage lockout comparators have been
incorporated to guarantee that the IC is fully functional before
the output stage is enabled. The positive power supply
terminal (VCC) and the reference output (Vref) are each
monitored by separate comparators. Each has built–in
hysteresis to prevent erratic output behavior as their
respective thresholds are crossed. The VCC comparator
upper and lower thresholds are 16 V/10 V for the UCX842B,
and 8.4 V/7.6 V for the UCX843B. The Vref comparator upper
and lower thresholds are 3.6 V/3.4 V. The large hysteresis
and low startup current of the UCX842B makes it ideally
suited in off–line converter applications where efficient
bootstrap startup techniques are required (Figure 33). The
UCX843B is intended for lower voltage dc–to–dc converter
applications. A 36 V zener is connected as a shunt regulator
from VCC to ground. Its purpose is to protect the IC from
excessive voltage that can occur during system startup. The
minimum operating voltage (VCC) for the UCX842B is 11 V
and 8.2 V for the UCX843B.
These devices contain a single totem pole output stage
that was specifically designed for direct drive of power
MOSFETs. It is capable of up to
±1.0 A peak drive current and
has a typical rise and fall time of 50 ns with a 1.0 nF load.
Additional internal circuitry has been added to keep the
Output in a sinking mode whenever an undervoltage lockout
is active. This characteristic eliminates the need for an
external pull–down resistor.
The SO–14 surface mount package provides separate
pins for VC (output supply) and Power Ground. Proper
implementation will significantly reduce the level of switching
transient noise imposed on the control circuitry. This
becomes particularly useful when reducing the Ipk(max) clamp
level. The separate VC supply input allows the designer
added flexibility in tailoring the drive voltage independent of
VCC. A zener clamp is typically connected to this input when
driving power MOSFETs in systems where VCC is greater
than 20 V. Figure 25 shows proper power and control ground
connections in a current–sensing power MOSFET
application.
Reference
The 5.0 V bandgap reference is trimmed to
±1.0%
tolerance at TJ = 25°C on the UC284XB, and ±2.0% on the
UC384XB. Its primary purpose is to supply charging current
to the oscillator timing capacitor. The reference has short–
circuit protection and is capable of providing in excess of
20 mA for powering additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on
wire–wrap or plug–in prototype boards. High frequency
circuit layout techniques are imperative to prevent
pulse–width jitter. This is usually caused by excessive noise
pick–up imposed on the Current Sense or Voltage Feedback
inputs. Noise immunity can be improved by lowering circuit
impedances at these points. The printed circuit layout should
contain a ground plane with low–current signal and
high–current switch and output grounds returning on
separate paths back to the input filter capacitor. Ceramic
bypass capacitors (0.1
µF) connected directly to VCC, VC,
and Vref may be required depending upon circuit layout. This
provides a low impedance path for filtering the high frequency
noise. All high current loops should be kept as short as
possible using heavy copper runs to minimize radiated EMI.
The Error Amp compensation circuitry and the converter
output voltage divider should be located close to the IC and
as far as possible from the power switch and other
noise–generating components.
Current mode converters can exhibit subharmonic
oscillations when operating at a duty cycle greater than 50%
with continuous inductor current. This instability is
independent of the regulator’s closed loop characteristics
and is caused by the simultaneous operating conditions of
fixed frequency and peak current detecting. Figure 19A
shows the phenomenon graphically. At t0, switch conduction
begins, causing the inductor current to rise at a slope of m1.
This slope is a function of the input voltage divided by the
inductance. At t1, the Current Sense Input reaches the
threshold established by the control voltage. This causes the
switch to turn off and the current to decay at a slope of m2,
until the next oscillator cycle. The unstable condition can be
shown if a perturbation is added to the control voltage,
resulting in a small
∆I (dashed line). With a fixed oscillator
period, the current decay time is reduced, and the minimum
current at switch turn–on (t2) is increased by ∆I + ∆I m2/m1.
The minimum current at the next cycle (t3) decreases to (∆I +
∆I m2/m1) (m2/m1). This perturbation is multiplied by m2/m1
on each succeeding cycle, alternately increasing and
decreasing the inductor current at switch turn–on. Several
oscillator cycles may be required before the inductor current
reaches zero causing the process to commence again. If
m2/m1 is greater than 1, the converter will be unstable. Figure
19B shows that by adding an artificial ramp that is
synchronized with the PWM clock to the control voltage, the
∆I perturbation will decrease to zero on succeeding cycles.
This compensating ramp (m3) must have a slope equal to or
slightly greater than m2/2 for stability. With m2/2 slope
compensation, the average inductor current follows the
control voltage, yielding true current mode operation. The
compensating ramp can be derived from the oscillator and
added to either the Voltage Feedback or Current Sense
inputs (Figure 32).
Control Voltage
Inductor
Current
Oscillator Period
Control Voltage
Inductor
Current
Oscillator Period
(A)
(B)
Figure 19. Continuous Current Waveforms
m1
m2
t0
t1
t2
t3
m3
m2
t4
t5
t6
∆I
m1
∆I
Dl ) Dl m2
m1
Dl ) Dl m2
m1
m2
m1


Numéro de pièce similaire - UC3842BN

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC3842BN STMICROELECTRONICS-UC3842BN Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842BN STMICROELECTRONICS-UC3842BN Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3842BN ONSEMI-UC3842BN Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
logo
STMicroelectronics
UC3842BN STMICROELECTRONICS-UC3842BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3842BN1 ONSEMI-UC3842BN1 Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
More results

Description similaire - UC3842BN

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com