Moteur de recherche de fiches techniques de composants électroniques |
|
1N5274 Fiches technique(PDF) 2 Page - Digitron Semiconductors |
|
1N5274 Fiches technique(HTML) 2 Page - Digitron Semiconductors |
2 / 2 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N5221 - 1N5281 SILICON ZENER DIODES ELECTRICAL CHARACTERISTICS @ 25°C Max Reverse Leakage Current Max Zener Impedance A&B Suffix Only(2) A, B, & D Suffix Only Non Suffix IR VR µA @ Volts Part Number (1) Nominal Zener Voltage VZ @ IZT Volts Test Current IZT mA ZZT @ IZT Ohms ZZT @ IZK=0.25mA Ohms A B,C&D IR @ VR Used For Suffix A µA Max Zener Voltage Temp. Coeff. (A&B Suffix Only) αVZ (%/°C)(3) 1N5271 1N5272 1N5273 1N5274 1N5275 100 110 120 130 140 1.3 1.1 1.0 0.95 0.90 500 750 900 1100 1300 2600 3000 4000 4500 4500 0.1 0.1 0.1 0.1 0.1 72 80 86 94 101 76 84 91 99 106 10 10 10 10 10 +0.110 +0.110 +0.110 +0.110 +0.110 1N5276 1N5277 1N5278 1N5279 1N5280 1N5281 150 160 170 180 190 200 0.85 0.80 0.74 0.68 0.66 0.65 150 170 190 2200 2400 2500 5000 5500 5500 6000 6500 7000 0.1 0.1 0.1 0.1 0.1 0.1 108 116 123 130 137 144 114 122 129 137 144 152 10 10 10 10 10 10 +0.110 +0.110 +0.110 +0.110 +0.110 +0.110 NOTE 1: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds when mounted with a 3/8” minimum lead length from the case. NOTE 2: The zener impedance is derived from the 60HZ ac voltage, which results when an ac current having an r.m.s. value equal to 10% of the DC zener current (IZT or I ZK) is superimposed on IZT or I ZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve, thereby eliminating unstable units. NOTE 3: Temperature coefficient (αVZ). Test conditions for temperature coefficient are a follows: a. IZT = 7.5 mA, T1 = 25°C, T2 = 125°C (1N5221A, thru 1N5242A, B.) b. IZT = Rated IZT, T1 = 25°C, T2 = 125°C (1N5243A, B thru 1N5281A, B.) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature. MECHANICAL CHARACTERISTICS CASE: Glass MARKING: Body painted, alpha-numeric POLARITY: Cathode band Dimensions 1N5221-1N5281 DO-35 Inches Millimeters Min Max Min Max BD - 0.080 - 2.030 BL - 0.175 - 4.440 LD 0.018 0.022 0.457 0.559 LL 1.000 - 25.400 - • Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). • Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. • Part numbers listed indicate a tolerance of ±20% with guaranteed limits on only, VZ, IR and VF. • Devices with guaranteed limits on all six parameters are indicated by suffix A for ±10% tolerance, suffix B for a ±5% tolerance, suffix C for a 2% tolerance and suffix D for a 1% tolerance. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20120712 |
Numéro de pièce similaire - 1N5274 |
|
Description similaire - 1N5274 |