Moteur de recherche de fiches techniques de composants électroniques |
|
1N4925A Fiches technique(PDF) 1 Page - Digitron Semiconductors |
|
1N4925A Fiches technique(HTML) 1 Page - Digitron Semiconductors |
1 / 2 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N4916(A)-1N4932(A) 19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES MAXIMUM RATINGS Characteristics Values Junction and storage temperatures -65 to +175°C DC power dissipation 500mW @ 50°C Power derating 4 mW/°C above 50°C IR = 15µA @ 25°C and VR = 12V ELECTRICAL CHARACTERISTICS Test current Maximum voltage change with temperature Effective temperature coefficient Maximum dynamic impedance Maximum noise density IZT ΔVZT αVZ ZZT Note 1 Note 2 Temperature range Note 3 Note 4 ND Part number mA Volts °C ±%/°C Ohms µV/√Hz 1N4916 0.5 0.144 25 to +100 0.01 600 1.0 1N4916A 0.5 0.298 -55 to +100 0.01 600 1.0 1N4917 0.5 0.072 25 to +100 0.005 600 1.0 1N4917A 0.5 0.149 -55 to +100 0.005 600 1.0 1N4918 0.5 0.029 25 to +100 0.002 600 1.0 1N4918A 0.5 0.060 -55 to +100 0.002 600 1.0 1N4919 1.0 0.144 25 to +100 0.01 300 0.5 1N4919A 1.0 0.298 -55 to +100 0.01 300 0.5 1N4920 1.0 0.072 25 to +100 0.005 300 0.5 1N4920A 1.0 0.149 -55 to +100 0.005 300 0.5 1N4921 1.0 0.029 25 to +100 0.002 300 0.5 1N4921A 1.0 0.060 -55 to +100 0.002 300 0.5 1N4922 2.0 0.144 25 to +100 0.01 150 0.25 1N4922A 2.0 0.298 -55 to +100 0.01 150 0.25 1N4923 2.0 0.072 25 to +100 0.005 150 0.25 1N4923A 2.0 0.149 -55 to +100 0.005 150 0.25 1N4924 2.0 0.029 25 to +100 0.002 150 0.25 1N4924A 2.0 0.060 -55 to +100 0.002 150 0.25 1N4925 4.0 0.144 25 to +100 0.01 75 0.22 1N4925A 4.0 0.298 -55 to +100 0.01 75 0.22 1N4926 4.0 0.072 25 to +100 0.005 75 0.22 1N4926A 4.0 0.149 -55 to +100 0.005 75 0.22 1N4927 4.0 0.029 25 to +100 0.002 75 0.22 1N4927A 4.0 0.060 -55 to +100 0.002 75 0.22 1N4928 4.0 0.014 25 to +100 0.001 75 0.22 1N4928A 4.0 0.030 -55 to +100 0.001 75 0.22 1N4929 7.5 0.144 25 to +100 0.01 36 0.20 1N4929A 7.5 0.298 -55 to +100 0.01 36 0.20 1N4930 7.5 0.072 25 to +100 0.005 36 0.20 1N4930A 7.5 0.149 -55 to +100 0.005 36 0.20 1N4931 7.5 0.029 25 to +100 0.002 36 0.20 1N4931A 7.5 0.060 -55 to +100 0.002 36 0.20 1N4932 7.5 0.014 25 to +100 0.001 36 0.20 1N4932A 7.5 0.030 -55 to +100 0.001 36 0.20 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20121112 |
Numéro de pièce similaire - 1N4925A |
|
Description similaire - 1N4925A |