Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902KAVQPWRQ1 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM2902KAVQPWRQ1
Description  QUADRUPLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902KAVQPWRQ1 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM2902KAVQPWRQ1 Datasheet HTML 1Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 2Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 3Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 4Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 5Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 6Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 7Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 8Page - National Semiconductor (TI) LM2902KAVQPWRQ1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM2902-Q1
QUADRUPLE OPERATIONAL AMPLIFIER
SGLS178E − AUGUST 2003 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM2902-Q1
LM2902KV-Q1
UNIT
Supply voltage, VCC (see Note 1)
26
32
V
Differential input voltage, VID (see Note 2)
±26
±32
V
Input voltage, VI (either input)
−0.3 to 26
−0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 15 V (see
Note 3)
Unlimited
Unlimited
Package thermal impedance
θ (see Notes 4 and 5)
D package (0 LFPM)
101
101
°C/W
Package thermal impedance,
θJA (see Notes 4 and 5)
PW package
113
113
°C/W
Operating virtual junction temperature, TJ
142
142
°C
Storage temperature range, Tstg
−65 to 150
−65 to 150
°C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages and VCC specified for the measurement of IOS, are with respect to the network GND.
2. Differential voltages are at IN+ with respect to IN−.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 142°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.


Numéro de pièce similaire - LM2902KAVQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2902KAVQPWRQ1 TI-LM2902KAVQPWRQ1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902KAVQPWRQ1 TI-LM2902KAVQPWRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902KAVQPWRQ1 TI-LM2902KAVQPWRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902KAVQPWRQ1 TI1-LM2902KAVQPWRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
LM2902KAVQPWRQ1 TI1-LM2902KAVQPWRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
OCTOBER 2023
More results

Description similaire - LM2902KAVQPWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com