Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8694 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8694
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8694 Fiches technique(HTML) 1 Page - Analog Devices

  AD8694 Datasheet HTML 1Page - Analog Devices AD8694 Datasheet HTML 2Page - Analog Devices AD8694 Datasheet HTML 3Page - Analog Devices AD8694 Datasheet HTML 4Page - Analog Devices AD8694 Datasheet HTML 5Page - Analog Devices AD8694 Datasheet HTML 6Page - Analog Devices AD8694 Datasheet HTML 7Page - Analog Devices AD8694 Datasheet HTML 8Page - Analog Devices AD8694 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, 3.6 MHz, Low Noise, Rail-to-
Rail Output, Operational Amplifiers
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low power: 180 μA typical
Very low input bias currents: 0.5 pA typical
Low noise: 16 nV/√Hz typical
3.6 MHz bandwidth
Offset voltage: 500 μV typical
Low offset voltage drift: 4 μV/°C maximum
Low distortion: 0.003% THD + N
2.7 V to 5 V single supply or ±1.35 V to ±2.5 V dual supply
Available in very small 2 mm × 2 mm LFCSP packages
APPLICATIONS
Photodiode amplifiers
Sensor amplifiers
Portable medical and instrumentation
Portable audio: MP3s, PDAs, and smartphones
Communications
Low-side current sense
ADC drivers
Active filters
Sample-and-hold
GENERAL DESCRIPTION
The ADA4691-2/ADA4692-2 are dual and the ADA4691-4/
ADA4692-4 are the quad rail-to-rail output, single-supply
amplifiers featuring low power, wide bandwidth, and low noise.
The ADA4691-2 has two independent shutdown pins, allowing
further reduction in supply current. The ADA4691-4 is a quad
with dual shutdown pins each controlling a pair of amplifiers
and is available in the 16-lead LFCSP. The ADA4692-4 is a quad
version without shutdown.
These amplifiers are ideal for a wide variety of applications.
Audio, filters, photodiode amplifiers, and charge amplifiers, all
benefit from this combination of performance and features.
Additional applications for these amplifiers include portable
consumer audio players with low noise and low distortion that
provide high gain and slew rate response over the audio band at
low power. Industrial applications with high impedance sensors,
such as pyroelectric and IR sensors, benefit from the high
impedance and low 0.5 pA input bias, low offset drift, and
enough bandwidth and response for low gain applications.
The ADA4691/ADA4692 family is fully specified over the extended
industrial temperature range (−40°C to +125°C). The ADA4691-2
is available in a 10-lead LFCSP and a 9-ball WLCSP. The ADA4692-2
is available in an 8-lead SOIC and 8-lead LFCSP. The ADA4691-4 is
available in a 16-lead LFCSP. The ADA4692-4 is available in a 14-lead
TSSOP. For pin configurations, see the Pin Configurations section.
1
0.1
0.01
0.001
10
100
1k
10k
20k
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
AV = –1
TA = 25°C
RL = 600Ω
RL = 2kΩ
Figure 1. THD + Noise vs. Frequency
–80
–90
–100
–110
–120
–130
–140
100
1k
10k
100k
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
VIN = 2.8V p-p
AV = +1
TA = 25°C
Figure 2. Channel Separation vs. Frequency
Table 1.
Micropower
Low Power
Low Power with Shutdown
Standard Op Amp With Shutdown
High Bandwidth
Single
AD8613
AD8591
AD8691
Dual
AD8617
ADA4692-2
ADA4691-2
AD8592
AD8692
Quad
AD8619
ADA4692-4
ADA4691-4
AD8594
AD8694


Numéro de pièce similaire - AD8694

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8694 AD-AD8694 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694 AD-AD8694 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8694 AD-AD8694 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8694 AD-AD8694 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8694 AD-AD8694 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
More results

Description similaire - AD8694

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com