Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5246 Fiches technique(PDF) 4 Page - Shanghai Lunsure Electronic Tech

No de pièce 1N5246
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N5246 Fiches technique(HTML) 4 Page - Shanghai Lunsure Electronic Tech

  1N5246 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N5246 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N5246 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech 1N5246 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CE
1N5221 THRU 1N5281
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
1N5221…1N5281 SILICON PLANAR ZENER DIODES
Admissible power dissipation versus ambient temperature
(Valid provided that leads at a distance of 10mm from case
are kept at ambient temperature)
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 4 of 4


Numéro de pièce similaire - 1N5246

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N5246 SURGE-1N5246 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5246 JINANJINGHENG-1N5246 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5246 HORNBY-1N5246 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5246 SEME-LAB-1N5246 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5246 MCC-1N5246 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Description similaire - 1N5246

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Lunsure Electr...
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com