Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N203 Fiches technique(PDF) 6 Page - Digitron Semiconductors

No de pièce 3N203
Description  DUAL GATE MOSFET VHF AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGITRON [Digitron Semiconductors]
Site Internet  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N203 Fiches technique(HTML) 6 Page - Digitron Semiconductors

  3N203 Datasheet HTML 1Page - Digitron Semiconductors 3N203 Datasheet HTML 2Page - Digitron Semiconductors 3N203 Datasheet HTML 3Page - Digitron Semiconductors 3N203 Datasheet HTML 4Page - Digitron Semiconductors 3N203 Datasheet HTML 5Page - Digitron Semiconductors 3N203 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N201-3N203
DUAL GATE MOSFET VHF AMPLIFIER
Inches
Millimeters
Dim
Min
Max
Min
Max
A
-
0.230
-
5.840
B
-
0.195
-
4.950
C
-
0.210
-
5.330
D
-
0.021
-
0.530
E
-
0.030
-
0.760
F
-
0.019
-
0.480
G
0.100 BSC
2.540 BSC
H
-
0.046
-
1.170
J
-
0.0480
-
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
TO-72
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Numéro de pièce similaire - 3N203

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
3N203 MOTOROLA-3N203 Datasheet
195Kb / 5P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
New Jersey Semi-Conduct...
3N203 NJSEMI-3N203 Datasheet
163Kb / 2P
   TO-72
logo
American Microsemicondu...
3N203 AMMSEMI-3N203 Datasheet
116Kb / 1P
   Discrete Semiconductors
3N203A AMMSEMI-3N203A Datasheet
116Kb / 1P
   Discrete Semiconductors
More results

Description similaire - 3N203

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
3N201 MOTOROLA-3N201 Datasheet
195Kb / 5P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
   DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
MFE120 DIGITRON-MFE120 Datasheet
689Kb / 4P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
New Jersey Semi-Conduct...
3N211 NJSEMI-3N211 Datasheet
149Kb / 1P
   DUAL-GATE MOSFET VHF AMPLIFIER
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
New Jersey Semi-Conduct...
MFE140 NJSEMI-MFE140 Datasheet
106Kb / 2P
   DUAL-GATE MOSFET DUAL-GATE FM AMPLIFIER
logo
Digitron Semiconductors
MFE140 DIGITRON-MFE140 Datasheet
191Kb / 5P
   DUAL GATE MOSFET FM AMPLIFIER
logo
Toshiba Semiconductor
3SK260 TOSHIBA-3SK260 Datasheet
229Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER VHF MIXER,VHF RF AMPLIFIER APPLICATIONS)
3SK151 TOSHIBA-3SK151 Datasheet
232Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TYNER VHF MIXER, VHF RF AMPLIFIER APPLICATIONS)
logo
Hitachi Semiconductor
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com