Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ8-SW27 Fiches technique(PDF) 6 Page - Lumileds Lighting Company

No de pièce LMZ8-SW27
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMILEDS [Lumileds Lighting Company]
Site Internet  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ8-SW27 Fiches technique(HTML) 6 Page - Lumileds Lighting Company

Back Button LMZ8-SW27 Datasheet HTML 2Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 3Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 4Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 5Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 6Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 7Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 8Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 9Page - Lumileds Lighting Company LMZ8-SW27 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
5
Reflow Soldering Characteristics
Table 6.
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate ( Ts
max to Tp )
3°C / second max
Preheat Temperature Min ( Ts
min )
150°C
Preheat Temperature Max ( Ts
max )
200°C
Preheat Time ( ts
min to tsmax )
60 - 180 seconds
Liquidus Temperature (T
L )
217°C
Time Maintained Above Time ( t
L )
60 - 150 seconds
Peak / Classification Temperature ( T
P )
260°C
Time Within 5°C of Actual Peak Temperature ( t
P )
20 - 40 seconds
Ramp-Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Note for Table 6:
1. All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
Temperature Profile for Table 6.


Numéro de pièce similaire - LMZ8-SW27

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
LMZ8-SW27 LUMILEDS-LMZ8-SW27 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ8-SW27 LUMILEDS-LMZ8-SW27 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

Description similaire - LMZ8-SW27

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com