Moteur de recherche de fiches techniques de composants électroniques |
|
U1229-3 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
U1229-3 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 17 page D D5 APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com MISCELLANEOUS PUSHBUTTON ACCESSORIES & CAPS PANEL DRESS NUTS & CAPS FOR PUSHBUTTON SWITCHES ASSEMBLY FITS SWITCH OPTION(S) INCLUDES NUMBER MODEL REQUIRED DRESS NUT CAP A1354P1 810/820 KM A495P1 B494P1 A1354P2 401/402 S A495P1 B494P2 A1354P3 PB PY A495P1 B494P3 A1355P1 810/820 KM A495P2 B494P1 A1355P2 302 NONE A495P2 B494P2 A1355P2 401/402 NONE A495P2 B494P2 A1355P3 PB PY or P2Y1 A495P2 B494P3 PART NO. A DIA. B DIA. A495P1 .385 .323 A495P2 .413 .245 'A' dimension is determined by panel thickness indicated in table and allows for (1) back-up Nut A112 and (1) Lockwasher A115. Order these separately to provide for secure, vibration resistant mounting. SWITCH OPTION A1354 A1355 MODEL (IF REQ'D) A P.T. A P.T. 810/820 KM .040 .062 .090 .093 PB PY .100 .125 .135 .171 PB P2Y1 - - .120 .093 302 - - - .070 .078 401/402 - - - .130 .078 401/402 S .130 .062 - - Order Assembly Number from chart to left. Add cap color no. from color code chart below. Example: A1354P36 indicates assembly to fit a PB switch and is supplied with a red cap. COLOR CAP Vinyl plastisol PUSHBUTTON CAPS (ALL) PUSHBUTTON CAP A212 COLOR CAPS B366 & B497 PUSHBUTTON CAPS A180 & A496 PUSHBUTTON CAP A235 PUSHBUTTON CAP A420 Material - Nylon Caps press fit adequately, however they may be pulled off. If permanent retention is required, cement with Loctite 405 or equivalent, insuring no cement enters switch. PART NO. DIM. A FITS ACTUATOR A118 5/16 K A391 3/16 L2 A392 3/4 L FITS PB SERIES B366 fits 300 & 400 Series with S option only, and all PB Series. B497 fits 800 Series with options KM, KS, KM1, K1M1 & K2M1. A180 fits all PB Series. A496 fits 800 Series with options KM, KS, KM1, K1M1, K2M, K2S &K2M1. * - fits all PB, 300 & 400 Series. ** - fits 800 Series with options KM, KS, KM1 & K2M1. * - Fits all 300 Series except 301 & 305. Fits 301 & 305 with S option. Fits all 400 & PB Series. ** - Fits 800 Series withoptions KM, KS, KM1 & K2M1. Code Color Code Color 1 blue 2 black 3 green 4 gray 5 yellow 6 red 7 ivory 8 white 9 orange STANDARD COLOR CODE For nylon caps, actuators, bezels & bezel inserts. To specify, add selected color code to part number. Example: A2122 is a black A212 Cap.To specify for actuators, bezels and bezel inserts, see 'Order Format' section following specific series information in this catalog. Note: additional caps are shown in some switch sections. (P.T.) |
Numéro de pièce similaire - U1229-3 |
|
Description similaire - U1229-3 |