Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845G-S08-T Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce UC2845G-S08-T
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2845G-S08-T Fiches technique(HTML) 4 Page - Unisonic Technologies

  UC2845G-S08-T Datasheet HTML 1Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 2Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 3Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 4Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 5Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 6Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UC2844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-051.B
ABSOLUTE MAXIMUM RATINGS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Current Sense and Voltage feedback Inputs
VIN
-0.3 ~ +5.5
V
Total Power Supply and Zener Current
(ICC+IZ)
30
mA
Error Amp Output Sink Current
ISINK
10
mA
Output Current, Source or Sink (Note 2)
IOUT
1.0
A
Output Energy (Capacitive Load per cycle)
W
5.0
μJ
Power Dissipation
PD
800
mW
Junction Temperature
TJ
+150
°С
Operating Junction Temperature
TJ(OPR)
-40 ~ +120
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.Maxmum package power dissipation limits must be observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
156
°С /W
ELECTRICAL CHARACTERISTICS
(TA=25°С, VCC=15V, RT=10k, CT=3.3nF, -40°С ≤ TA ≤ 120°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Reference Output Voltage
VREF
IOUT=1.0mA,TJ=25°С
4.95
5.0
5.05
V
Line Regulation
VOUT
VCC=12V ~ 25V
2.0
20
mV
Load Regulation
VOUT
IOUT=1.0mA ~ 20mA
3.0
25
mV
Temperature Stability
tS
0.2
mV/°С
Total Output Variation over Line,
Load, Temperature
VREF
4.9
5.1
V
Output Noise Voltage
eN
f=10Hz ~ 10kHz, TJ=25°С
50
μV
Long Term Stability
S
TA=125°С for 1000 Hours
5
mV
Output Short Circuit Current
ISC
-30
-85
-180
mA
OSCILLATOR SECTION
Oscillator Voltage Swing
VOSC
1.6
V
Discharge Current
IDSG
VOSC=2.0V, TJ=25°С
10.8
mA
Frequency
fOSC
TJ=25°С,
47
52
57
kHz
TLOW ≤ TA ≤ THI
46
60
Frequency Change with Voltage
ΔfOSC/ΔV
VCC=12V ~ 25V
0.2
1.0
%
Frequency Change with Temperature
ΔfOSC/ΔT
TLOW ≤ TA ≤ THI
5.0
%
ERROR AMPLIFIER SECTION
Voltage Feedback Input
VFB
VOUT=2.5V
2.45
2.50
2.55
V
Output Voltage Swing
High
VOH
RL=15k to ground, VFB=2.3V
5.0
6.2
V
Low
VOL
RL=15k to VREF, VFB=2.7V
0.8
1.1
Output Current
Sink
ISINK
VOUT=1.1V, VFB=2.7V
2.0
12
mA
Source
ISOURCE
VOUT=5.0V, VFB=2.3V
-0.5
-1.0
Input Bias Current
II(BIAS)
VFB=2.7V
-0.1
-1.0
μA
Open Loop Voltage Gain
GVO
VOUT=2.0V ~ 4.0V
65
90
dB
Power Supply Rejection Ratio
PSRR
VCC=12V ~ 25V
60
70
dB
Unity Gain Bandwidth
GBW
TJ=25°С
0.7
1.0
MHz


Numéro de pièce similaire - UC2845G-S08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC2845G-S08-T UTC-UC2845G-S08-T Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Description similaire - UC2845G-S08-T

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com