Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845G-S08-T Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce UC2845G-S08-T
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2845G-S08-T Fiches technique(HTML) 2 Page - Unisonic Technologies

  UC2845G-S08-T Datasheet HTML 1Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 2Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 3Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 4Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 5Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 6Page - Unisonic Technologies UC2845G-S08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UC2844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R103-051.B
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
FUNCTION
1
Compensation Error amplifier output, this pin is made available for loop compensation.
2
VFB
Voltage Feedback, the inverting input of the Error Amplifier. It is normally connected to the
switching power supply output through a resistor divider.
3
ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses this
information to terminate the output switch conduction.
4
RT/CT
The Oscillator frequency and maximum output duty cycle are programmed by connecting
resistor RT to VREF and capacitor CT to ground. Operation to 1 MHz is possible.
5
GND
Power ground.
6
Output
This output directly drives the gate of a power MOSFET. Peak currents up to 1A are
sourced and sunk by this pin. The output switches at one-half the oscillator frequency.
7
VCC
Positive supply.
8
VREF
Reference output, provides charging current for capacitor CT though resistor RT.


Numéro de pièce similaire - UC2845G-S08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC2845G-S08-T UTC-UC2845G-S08-T Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Description similaire - UC2845G-S08-T

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com