Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3501L-T92-B Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce UC3501L-T92-B
Description  HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3501L-T92-B Fiches technique(HTML) 3 Page - Unisonic Technologies

  UC3501L-T92-B Datasheet HTML 1Page - Unisonic Technologies UC3501L-T92-B Datasheet HTML 2Page - Unisonic Technologies UC3501L-T92-B Datasheet HTML 3Page - Unisonic Technologies UC3501L-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UC3501
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-A63.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6
V
Output Current
IOUT
150
mA
Operating Junction Temperature
TJ
-40~85
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
0.9
5.0
V
Start Voltage
VSTART
0.9
V
Output Current
IOUT
100
mA
Oscillator Frequency
FOSC
100
KHz
Efficiency
η
85
%


Numéro de pièce similaire - UC3501L-T92-B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3501L-T92-B UTC-UC3501L-T92-B Datasheet
145Kb / 4P
   HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
More results

Description similaire - UC3501L-T92-B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3501 UTC-UC3501_15 Datasheet
145Kb / 4P
   HIGH EFFICIENT, LOW COST FLASHLIGHT LED DRIVE
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Shenzhen Huazhimei Semi...
HM6002 HMSEMI-HM6002 Datasheet
698Kb / 7P
   Flashlight LED driver IC
logo
List of Unclassifed Man...
ELM900 ETC-ELM900 Datasheet
101Kb / 3P
   WHITE LED FLASHLIGHT DRIVER
logo
Energizer
ELMCL11L ENERGIZER-ELMCL11L Datasheet
583Kb / 1P
   Ultimate 1AA LED Flashlight
logo
SHENZHEN FUMAN ELECTRON...
TC9306 FUMAN-TC9306 Datasheet
114Kb / 2P
   LED flashlight control IC
logo
Shenzhen Huazhimei Semi...
HM6004A HMSEMI-HM6004A Datasheet
863Kb / 6P
   Flashlight LED driver IC
logo
Seoul Semiconductor
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
   Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com