Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2843B Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce UC2843B
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2843B Fiches technique(HTML) 3 Page - Unisonic Technologies

  UC2843B_13 Datasheet HTML 1Page - Unisonic Technologies UC2843B_13 Datasheet HTML 2Page - Unisonic Technologies UC2843B_13 Datasheet HTML 3Page - Unisonic Technologies UC2843B_13 Datasheet HTML 4Page - Unisonic Technologies UC2843B_13 Datasheet HTML 5Page - Unisonic Technologies UC2843B_13 Datasheet HTML 6Page - Unisonic Technologies UC2843B_13 Datasheet HTML 7Page - Unisonic Technologies UC2843B_13 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC2843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R103-048.D
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Low impedance source)
VCC
30
V
Analog Input Voltage (VFB and ISENSE)
VIN
-0.3~+6.3
V
Supply Current
ICC
30
mA
Error Amplifier Output Sink Current
IO(SINK)
10
mA
Output Current
IOUT
±1
A
Power Dissipation
SOP-8
PD
800
mW
DIP-8
1250
Output Energy (Capacitive load)
W
5
μJ
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are concerning the device GND terminal.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient
SOP-8
θJA
156
C/W
DIP-8
100
C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
30
V
Input Voltage
RT/CT
VIN
0
5.5
V
VFB and ISENSE
0
5.5
V
Output Voltage (OUTPUT)
VOUT
0
30
V
Supply Current, Externally Limited
ICC
25
mA
Output Current
IOUT
200
mA
Reference Output Current
IO(REF)
-20
mA
Oscillator Frequency
fOSC
100
500
kHz
Operating Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS
(VCC=15V, RT =10kΩ, CT=3.3nF, TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
REFERENCE SECTION
Reference Output Voltage
VREF
IOUT =1mA, TJ =25°C
4.95
5
5.05
V
Line Regulation
∆VOUT
VCC = 12V~25V
6
20
mV
Load Regulation
∆VOUT
IOUT = 1mA~20mA
6
25
mV
Average Temperature Coefficient Of
Output Voltage
TS
0.2
0.4
mV/°C
Total Output Variation
VREF
VCC =12V~25V, IOUT =1mA~20mA
4.9
5.1
V
Output Noise Voltage
eN
f = 10Hz~10kHz, TJ =25°C
50
μV
Long Term Stability
TJ=25°C For 1000 hours
5
25
mV
Output Short Circuit Current
ISC
-30
-100
-180
mA


Numéro de pièce similaire - UC2843B_13

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC2843BD1 MOTOROLA-UC2843BD1 Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
STMicroelectronics
UC2843BD1 STMICROELECTRONICS-UC2843BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2843BD1 STMICROELECTRONICS-UC2843BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC2843BD1 ONSEMI-UC2843BD1 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
logo
STMicroelectronics
UC2843BD1 STMICROELECTRONICS-UC2843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2843B_13

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com