Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24WC16RE-TE13D Fiches technique(PDF) 4 Page - Catalyst Semiconductor |
|
CAT24WC16RE-TE13D Fiches technique(HTML) 4 Page - Catalyst Semiconductor |
4 / 9 page CAT24WC01/02/04/08/16 4 Doc. No. 25051-00 3/98 S-1 FUNCTIONAL DESCRIPTION The CAT24WC01/02/04/08/16 supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. Data transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24WC01/ 02/04/08/16 operates as a Slave device. Both the Mas- ter and Slave devices can operate as either transmitter or receiver, but the Master device controls which mode is activated. A maximum of 8 devices (24WC01 and 24WC02), 4 devices (24WC04), 2 devices (24WC08) and 1 device (24WC16) may be connected to the bus as determined by the device address inputs A0, A1, and A2. PIN DESCRIPTIONS SCL: Serial Clock The CAT24WC01/02/04/08/16 serial clock input pin is used to clock all data transfers into or out of the device. This is an input pin. SDA: Serial Data/Address The CAT24WC01/02/04/08/16 bidirectional serial data/ address pin is used to transfer data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. A0, A1, A2: Device Address Inputs These inputs set device address when cascading mul- tiple devices. When these pins are left floating the default values are zeros (except for the 24WC01). A maximum of eight devices can be cascaded when Figure 2. Write Cycle Timing Figure 1. Bus Timing Figure 3. Start/Stop Timing 5020 FHD F05 5020 FHD F04 5020 FHD F03 tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH tWR STOP CONDITION START CONDITION ADDRESS ACK 8TH BIT BYTE n SCL SDA START BIT SDA STOP BIT SCL |
Numéro de pièce similaire - CAT24WC16RE-TE13D |
|
Description similaire - CAT24WC16RE-TE13D |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |