Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7989-1BRMZ-RL7 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce AD7989-1BRMZ-RL7
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-1BRMZ-RL7 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD7989-1BRMZ-RL7 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7989-1BRMZ-RL7 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. 0 | Page 11 of 24
Figure 18. Operating Currents vs. VDD Voltage (AD7989-5)
Figure 19. THD vs. Frequency
Figure 20. Operating Currents vs. Temperature (AD7989-5)
Figure 21. Operating Currents vs. VDD Voltage (AD7989-1)
Figure 22. Power-Down Currents vs. Temperature
Figure 23. Operating Currents vs. Temperature (AD7989-1)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VDD VOLTAGE (V)
IVDD
IREF
IVIO
2.375
2.425
2.475
2.525
2.575
2.625
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
0.1
1
10
100
1k
FREQUENCY (kHz)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IVDD
IREF
IVIO
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
VDD VOLTAGE (V)
IVDD
IREF
IVIO
2.375
2.425
2.475
2.525
2.575
2.625
8
7
6
5
4
3
2
1
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD + IVIO
0.14
0.12
0.10
008
0.06
0.04
0.02
0
IVDD
IREF
IVIO
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125


Numéro de pièce similaire - AD7989-1BRMZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7989-1BRMZ-RL7 AD-AD7989-1BRMZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7989-1BRMZ-RL7 AD-AD7989-1BRMZ-RL7 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
More results

Description similaire - AD7989-1BRMZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com