Moteur de recherche de fiches techniques de composants électroniques |
|
SA19A Fiches technique(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
SA19A Fiches technique(HTML) 4 Page - Socay Electornics Co., Ltd. |
4 / 6 page Axial Lead Transient Voltage Suppressors (TVS) Revision August 25, 2013 4 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SA Series 5.0 To 190 V 500W SOCAY Electronics Co., Ltd. www.socay.com Figure 1 - Peak Pulse Power Rating Curve Figure 3 - Pulse Waveform Ratings and Characteristic Curves (TA=25°C unless otherwise noted) Figure 4 - Typical Junction Capacitance Figure 5 - Steady State Power Derating Curve Figure 2 - Pulse Derating Curve Figure 6 - Maximum Non-Repetitive Surge Current 150 100 50 0 tr=10µsec Peak Value IPPM Half Value IPPM (IPPM/2) tc 10/1000 µsec. Waveform as de fined by R.E.A 0 1.0 2.0 3.0 4.0 TJ=25°C Pulse Width(td) is de fined as the point where the peak current decays to 50% of IPPM t - Time (ms) 0 25 50 75 100 125 150 175 200 3.0 2.0 1.0 0.0 TL - Lead Temperature(°C) td - Pulse Width (μs) 100 0.1 1 0.1 1 10 100 1000 10000 10 Number of Cycles at 60Hz 1 10 100 60 40 20 0 80 TJ=TJ max. 8.3 ms Single Half Sine-Wave 0 25 50 75 100 125 150 175 100 80 60 40 20 0 TA-Ambient temperature(°C) 1.0 10.0 100.0 1000.0 10000 1000 100 1 VBR-Reverse Breakdown Voltage (V) 10 Tj=25 °C f=1.0MHz Vsig=50mVp-p Bi-directional @zero bins Uni-directional @zero bins Uni-directional @VRWM Bi-directional @VRWM |
Numéro de pièce similaire - SA19A |
|
Description similaire - SA19A |