Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

543424-6 Fiches technique(PDF) 5 Page - Tyco Electronics

No de pièce 543424-6
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

543424-6 Fiches technique(HTML) 5 Page - Tyco Electronics

  543424-6 Datasheet HTML 1Page - Tyco Electronics 543424-6 Datasheet HTML 2Page - Tyco Electronics 543424-6 Datasheet HTML 3Page - Tyco Electronics 543424-6 Datasheet HTML 4Page - Tyco Electronics 543424-6 Datasheet HTML 5Page - Tyco Electronics 543424-6 Datasheet HTML 6Page - Tyco Electronics 543424-6 Datasheet HTML 7Page - Tyco Electronics 543424-6 Datasheet HTML 8Page - Tyco Electronics 543424-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
94
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDP-20 Basic Shielding Hardware Kits
Each kit contains:
I
Connector
I
Inner shield
I
Outer shield
Contacts and ferrules must be purchased
separately.
Material and Finish:
Connector Shells—Steel, tin plated
Connector Insert—94V-0 rated ther-
moplastic, black
Shield—Steel, tin plated
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Contacts—pages 100, 101
Application Tooling—page 102
Mateable Connectors:
HDE—pages 110-123
HDP—pages 90-102
HD-20 Board Mount—
pages 54-71, 78-85, 87-89
Mating/Panel Mounting—page 42
Mating Hardware—pages 146-150,
153, 155
Ferrules—page 99
Technical Documents:
Product Specifications—
108-40005
108-40030
Application Specifications—
114-10000
114-40030
Instruction Sheet—408-9010
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
Plug
.509
[12.93]
.112
[2.84]
Typ.
.109
[2.77]
Typ.
Max.
Plug Connector
Inside
Shield
Outside
Shield
.120
[3.05]
Typ.
2 Holes
D
E
.195
[4.95]
Typ.
Max.
Ferrule (Must
Be Purchased
Separately)
.462
[11.73]
Max.
View of Rear Shell
(With Shields Removed)
Grounding
Indents
.230
[5.84]


Numéro de pièce similaire - 543424-6

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
543424-6 MACOM-543424-6 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
More results

Description similaire - 543424-6

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com