Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

543424-3 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 543424-3
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

543424-3 Fiches technique(HTML) 2 Page - Tyco Electronics

  543424-3 Datasheet HTML 1Page - Tyco Electronics 543424-3 Datasheet HTML 2Page - Tyco Electronics 543424-3 Datasheet HTML 3Page - Tyco Electronics 543424-3 Datasheet HTML 4Page - Tyco Electronics 543424-3 Datasheet HTML 5Page - Tyco Electronics 543424-3 Datasheet HTML 6Page - Tyco Electronics 543424-3 Datasheet HTML 7Page - Tyco Electronics 543424-3 Datasheet HTML 8Page - Tyco Electronics 543424-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
91
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDP-20 Crimp Snap-In Contact Connectors (Continued)
Unshielded
Cable Clamps
One-Piece
Cable Clamp
180°/120°
Quik-Snap
(pg. 134)
Box and Lid
Straight/90° Exit
(pg. 137)
Box and Lid with
Male Screw
Retainers
(pg. 137)
Clam Shell
Straight/45° Exit
(pg. 138)
Clam Shell
Straight/45° Exit
with Male Screw
Retainers
(pg. 138)
Section Contents
Plug and Receptacle Connectors . . . . . . . . . . . . . . . . . . . . . 92, 93
Basic Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . . . . . 94, 95
Shielding Hardware Enclosure Kits . . . . . . . . . . . . . . . . . . . 96, 97
Preassembled Shielded Connector Kits . . . . . . . . . . . . . . . . . . 98
Ferrules for Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . . . 99
Contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100, 101
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
±
±
±
±
Shielded Cable
Clamps and
Shielding Hardware
and Enclosure Kits
Straight Exit
RFI/EMI Shields
for Jacketed
Cable (pgs. 139,
142)
90° Exit Die Cast
RFI/EMI Shields
for Jacketed Cable
(pg. 142)
Basic Shielding
Hardware Kits
(pgs. 94, 95)
Shielding
Hardware
Enclosure Kits
(pgs. 96, 97)
Mounting and
Mating Hardware
Keying Plug
(pg. 155)
Male Screw
Retainers
(pgs. 146, 147)
Female
Screwlocks
(pg. 148)
Locking Posts
and Slide
Latches
(pgs. 149, 151)
Spring Latch,
Two-Piece
(pg. 152)
Latching Blocks
(pgs. 153, 154)
Standoff
Bushings
(pg. 155)
Product Facts
I
Shell sizes offer wide
choice of contact
positions—9, 15, 25, 37
and 50
I
Lower cost, commercial
version of the military
approved series
I
Tin or zinc plated shells,
with or without grounding
indents
I
Crimp snap-in contacts
allows loading of only the
number of contacts being
used
I
Available with shielding
hardware and shielding
enclosure kits
I
Numerous cable clamps and
mating hardware options
I
Low cost, high
performance, precision-
formed crimp contacts
I
Machine applied
terminations assure highest
production rates
at lowest applied cost
I
Intermateable with any size
20 Subminiature D con-
nector dimensionally com-
plying with MIL-C-24308
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Listed under Underwriters
Laboratories Inc., Standard
1863, Communication
Circuit Accessories,
File No. E81956
I
Certified by Canadian
Standards
Association,
File No. LR 1088108
(LR 7189-207)
Contact Retention Features
Pin
Socket
Housing Cutaway
Radius lead-in minimizes force
needed to insert contact into housing
Radius lead-in minimizes force
needed to insert contact
into housing
Generous lead-in to
minimize “stubbing“
Contact bearing surface
is large and symmetrical
Reinforced Ribs
R
R
R


Numéro de pièce similaire - 543424-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
543424-3 MACOM-543424-3 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
More results

Description similaire - 543424-3

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com