Moteur de recherche de fiches techniques de composants électroniques |
|
9-1393765-3 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
9-1393765-3 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 6 page General Purpose Relays Industrial Relays R10 Series Panel Plug-in Relay (Continued) 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 Potter & Brumfield Coil versions, DC coil (continued) Coil Rated Operate Coil Rated coil code voltage voltage resistance power VDC VDC Ω±10% mW S - sensitive DC voltage adjustment (continued) 2 pole SS110 3 2.25 110 85 SS350 5 3.75 350 75 SS500 6 4.5 500 75 SS2.0K 12 9 2000 75 SS4.5K 18 13.5 4500 75 SS7.5K 24 18 7500 80 SS15.0K 36 27 15000 85 SS30.0K 48 36 30000 80 3 and 4 pole SS52 3 2.25 52 175 SS175 5 3.75 175 150 SS250 6 4.5 250 150 SS1.0K 12 9 1000 150 SS2.2K 18 13.5 2200 150 SS3.7K 24 18 3700 150 SS7.5K 36 27 7500 175 SS15.0K 48 36 15000 150 Coil Maximum Operate Coil Pick-up code coil current current resistance coil power mADC mADC Ω±10% mW J - sensitive DC current adjustment 2 pole J1.0K 45 8.5 1000 75 J2.5K 28 5.8 2500 85 J5.0K 20 4.1 5000 85 J10.0K 14 3.1 10000 100 J15.0K 11.5 2.6 15000 100 J30.0K 8.3 1.7 30000 85 4 pole J1.0K 45 13 1000 175 J2.5K 28 8.4 2500 175 J5.0K 20 6.2 5000 200 J10.0K 14 4.5 10000 200 J15.0K 11.5 3.5 15000 200 J30.0K 8.3 2.5 30000 200 6 pole J1.0K 45 16 1000 250 J2.5K 28 10 2500 250 J5.0K 20 7.2 5000 250 J10.0K 14 5 10000 250 J15.0K 11.5 4.2 15000 270 J30.0K 8.3 2.9 30000 250 8 pole J1.0K 45 20 1000 250 J2.5K 28 13 2500 250 J5.0K 20 9 5000 250 J10.0K 14 6.4 10000 250 J15.0K 11.5 5.3 15000 270 J30.0K 8.3 3.7 30000 250 J - sensitive DC current adjustment - R10S types only 1 pole J500 1) – 4.5 500 10 J1.0K 1) – 3.2 1000 10 J2.5K – 2 2500 10 J5.0K 2) – 1.4 5000 10 J10.0K – 1 10000 10 J16.0K – 0.8 16000 10 J30.0K 3) – 0.6 30000 11 Coil versions, DC coil (continued) Coil Rated Operate Coil Rated coil code voltage voltage resistance power VDC VDC Ω±10% mW Q - special DC voltage adjustment 1 and 2 pole Q52 5 3.1 52 500 Q110 6 4.5 110 350 Q450 12 9.2 450 350 Q1.8K 24 17.4 1,800 350 Q7.5K 48 36.2 7500 310 Q15.0K 72 49.5 15000 350 Q30.0K 115 67.5 30000 450 3 and 4 pole Q32 5 3.8 32 800 Q52 6 4.2 52 700 Q185 12 8.4 185 800 Q1.0K 24 17.2 1000 600 Q3.2K 48 31.1 3200 750 Q7.5K 72 49.3 7500 700 Q15.0K 115 67.5 15000 900 S - sensitive DC voltage adjustment 1 and 2 pole S50 3 2.25 50 180 S140 5 3.75 140 180 S200 6 4.5 200 180 S800 12 9 800 180 S3.2K 24 18 3200 180 S13.0K 48 36 13000 180 S28.0K 72 54 28000 190 S50.0K 115 86 50000 270 3 and 4 pole S30 3 2.25 30 300 S80 5 3.75 80 350 S110 6 4.5 110 350 S450 12 9 450 350 S1.8K 24 18 1800 350 S7.5K 48 36 7500 300 S16.0K 72 54 16000 350 S40.0K 115 86 40000 350 6 pole S20 3 2.25 20 500 S56 5 3.75 56 500 S80 6 4.5 80 500 S320 12 9 320 500 S1.2K 24 18 1200 500 S5.2K 48 36 5200 500 S13.0K 72 54 13000 400 S30.0K 115 86 30000 500 8 pole S12 3 2.25 12 750 S35 5 3.75 35 750 S52 6 4.5 52 700 S200 12 9 200 750 S800 24 18 800 750 S3.2K 48 36 3200 750 S7.5K 72 54 7500 700 S16.0K 115 86 16000 850 SS - ultra sensitive DC voltage adjustment 1 pole SS220 3 2.25 220 45 SS700 5 3.75 700 40 SS1.0K 6 4.5 1000 40 SS4.0K 12 9 4000 40 SS9.0K 18 13.5 9000 40 SS15.0K 24 18 15000 40 SS30.0K 36 27 30000 45 |
Numéro de pièce similaire - 9-1393765-3 |
|
Description similaire - 9-1393765-3 |