Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-8005Q Fiches technique(PDF) 2 Page - Sanken electric

No de pièce SI-8005Q
Description  Surface Mount, Current Mode Control Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8005Q Fiches technique(HTML) 2 Page - Sanken electric

  SI-8005Q Datasheet HTML 1Page - Sanken electric SI-8005Q Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33
ICs
SI-8000Q Series
■External Dimensions (HSOP8)
(Unit : mm)
■Block Diagram
■Typical Connection Diagram
0.695 TYP
5.20
A
1.27
0.40
0.4
Pin 1 Mark
Enlarged View of A
2.90
Pin Assignment
1BS
2IN
3SW
4GND
5FB
6COMP
7EN
8SS
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 0.1 g
OSC
P.REG
VREF
0.5V
5v_ldo
ON
OFF
7
EN
6
COMP
4
GND
8
SS
1
BS
3
SW
5
FB
2
IN
UVLO
OVP
TSD
Amp
0.5V
5v_ldo
Drive
PWM
LOGIC
Boot
REG
Current
Sense
OCP
Amp
GND
C1
C5
8
7
6
C3
D1
R2
GND
C2
IADJ
R1
L1
VO
C4
R3
C6
OPEN
2
IN
EN
SS
COMP
GND
4
FB
SI-8000Q
SW
BS
1
3
5
VIN
VFB
C1:10µF/50V
(Murata:GRM55DB31H106KA87)
C2:22µF/16V
(Murata:GRM32ER71A226KE20)
C3:560pF*1
(Murata:GRM18 Type)
C4:10nF
(murata: GRM18 Type)
C5:10nF
(murata: GRM18 Type)
L1:10µH
D1:SJPW-T4 (Sanken)
R1:46kΩ (Vo=5V)
R2:5.1kΩ
R3:24kΩ *1
*1: When Vo=5V


Numéro de pièce similaire - SI-8005Q

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
   Step-Down Switching Regulator with Current-Mode Control
SI-8005Q SANKEN-SI-8005Q Datasheet
66Kb / 2P
   Surface Mount, Current Mode Cntrol Step-down Switching Mode
More results

Description similaire - SI-8005Q

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8000Q SANKEN-SI-8000Q Datasheet
66Kb / 2P
   Surface Mount, Current Mode Cntrol Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8205NHD SANKEN-SI-8205NHD_11 Datasheet
81Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
   Current Mode Control, Synchronous Rectifier Step-down Switching Mode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com