Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML9059E Fiches technique(PDF) 53 Page - List of Unclassifed Manufacturers

No de pièce ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML9059E Fiches technique(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button ML9059E Datasheet HTML 49Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 50Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 51Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 52Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 53Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 54Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 55Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 56Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
53/72
Initialized Condition Using the
RES Pin
This LSI goes into the initialized condition when the RES input goes to the “L” level. The initialized condition
consists of the following conditions.
(1)
Display OFF
(2)
Forward display mode
(3)
ADC select: Incremented (ADC command DB0 = “L”)
(4)
Power control register: (DB2, DB1, DB0) = (0, 0, 0)
(5)
The registers and data in the serial interface are cleared.
(6)
LCD Power supply bias ratio: 1/8 bias
(7)
All display dots OFF
(8)
Read-modify-write: OFF
(9)
Static indicator: OFF
Static indicator register: (DB1, DB0) = (0, 0)
(10) Line 1 is set as the display start line.
(11) The column address is set to address 0.
(12) The page address is set to 0.
(13) Common output state: Forward
(14) Voltage V1 adjustment internal resistor ratio register: (DB2, DB1, DB0) = (1, 0, 0)
(15) The electronic potentiometer register set mode is released.
Electronic potentiometer register: (DB5, DB4, DB3, DB2, DB1, DB0) = (1, 0, 0 ,0, 0, 0)
(16) The LCD drive method is set to the frame reversal drive.
Line reversal number register: (DB4, DB3, DB2, DB1, DB0) = (1, 0, 0, 0, 0)
On the other hand, when the reset command is used, only the conditions (8) to (15) above are set.
As is shown in the “MPU Interface (example for reference)”, the RES pin is connected to the Reset pin of the MPU
and the initialization of this LSI is made simultaneously with the resetting of the MPU. This LSI always has to be
reset using the RES pin at the time the power is switched ON. Also, excessive current can flow through this LSI
when the control signal from the MPU is in the high impedance state. It is necessary to take measures to ensure
that the input pins of this LSI do not go into the high impedance state after the power has been switched ON. When
the built-in LCD drive power supply circuit of the ML9059E is not used, it is necessary that RES = “L” when the
external LCD drive power supply goes ON. During the period when RES = “L”, although the oscillator circuit is
operating, the display timing generator would have stopped and the pins CL, FR, FRS, and DOF would have been
tied to the “H” level. There is no effect on the pins DB0 to DB7.


Numéro de pièce similaire - ML9059E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Description similaire - ML9059E

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com