Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP0-E8RS Fiches technique(PDF) 4 Page - Panasonic Semiconductor

No de pièce FP0-E8RS
Description  4-axis pulse output in a compact body
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FP0-E8RS Fiches technique(HTML) 4 Page - Panasonic Semiconductor

  FP0-E8RS Datasheet HTML 1Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 2Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 3Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 4Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 5Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 6Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 7Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 8Page - Panasonic Semiconductor FP0-E8RS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Product Lineup
Control Unit
(Model: Relay output type AFPX-C30R)
I/O status monitor LED
Expansion Unit
(Model: Relay output type AFPX-E16R)
Add-on Cassette
(Model: Analog input cassette AFPX-AD2)
Expansion cassette interface cover
Connector for
add-on cassette
Connector
for battery
Input terminals
Power terminals
Output terminals
RUN/PROG. mode selection switch
Potentiometer
RS232C tool port
(DC powered type has no service power output)
24 V DC service power output terminals
C14: 0.15 A
C30, C60: 0.4 A
USB communication port (excluding C14R)
I/O status monitor LED
Connector for expansion unit
Securing hole
Connector for expansion unit
Connector for expansion unit
Connector for
expansion unit
Connector for double-stacked mounting
* Only the communication cassette can be upper.
Input/output terminals or communication signal terminals
Input terminals
Output terminals
4
5
The Highly Expandable Lineup
Satisfies All Kinds of Needs.
The flexible product lineup designed for rapidly responding to user needs provides a high level of satisfaction.
Control Unit
AFPX-C14R
AFPX-C14TD
AFPX-C14T
AFPX-C14PD
AFPX-C14P
Power supply (100 to 240 V AC)
DC input: 8 (24 V DC)
Relay output: 6 (250 V AC/2 A)
Program capacity: 16 ksteps
Potentiometer: 2
DC power supply, Transistor output (NPN), Input: 8-point, Output: 6-point
AC power supply, Transistor output (NPN), Input: 8-point, Output: 6-point
DC power supply, Transistor output (PNP), Input: 8-point, Output: 6-point
AC power supply, Transistor output (PNP), Input: 8-point, Output: 6-point
AFPX-C30TD
AFPX-C30T
AFPX-C30PD
AFPX-C30P
DC power supply, Transistor output (NPN), Input: 16-point, Output: 14-point
AC power supply, Transistor output (NPN), Input: 16-point, Output: 14-point
DC power supply, Transistor output (PNP), Input: 16-point, Output: 14-point
AC power supply, Transistor output (PNP), Input: 16-point, Output: 14-point
DC power supply, Transistor output (NPN), Input: 16-point, Output: 14-point
AC power supply, Transistor output (NPN), Input: 16-point, Output: 14-point
DC power supply, Transistor output (PNP), Input: 16-point, Output: 14-point
AC power supply, Transistor output (PNP), Input: 16-point, Output: 14-point
AFPX-C60TD
AFPX-C60T
AFPX-C60PD
AFPX-C60P
DC power supply, Transistor output (NPN), Input: 32-point, Output: 28-point
AC power supply, Transistor output (NPN), Input: 32-point, Output: 28-point
DC power supply, Transistor output (PNP), Input: 32-point, Output: 28-point
AC power supply, Transistor output (PNP), Input: 32-point, Output: 28-point
AFPX-E16T
AFPX-E16P
Transistor output (NPN), Input: 8-point, Output: 8-point
Transistor output (PNP), Input: 8-point, Output: 8-point
AFPX-E30TD
AFPX-E30T
AFPX-E30PD
AFPX-E30P
AFPX-C30R
Power supply (100 to 240 V AC)
DC input: 16 (24 V DC)
Relay output: 14 (250 V AC/2 A)
Program capacity: 32 ksteps
Potentiometer: 2
Equipped with a USB communication port
AFPX-C60R
Power supply (100 to 240 V AC)
DC input: 32 (24 V DC)
Relay output: 28 (250 V AC/2 A)
Program capacity: 32 ksteps
Potentiometer: 4
Equipped with a USB communication port
Expansion Unit
AFPX-E16R
Add-on Cassette
Communication cassette
Expansion FP0 Adapter
AFPX-COM1
AFPX-COM2
AFPX-COM3
AFPX-COM4
AFPX-EFP0
AFPX-IN8
AFPX-TR8
AFPX-AD2
AFPX-PLS
Communication cassette (RS232C 1 ch.)
Communication cassette (RS232C 2 ch.)
Communication cassette
(RS485/422 selectable 1 ch.)
Communication cassette
(RS485 1 ch + RS232C 1 ch.)
Input cassette (24 V DC , 8 input ch.)
Output cassette
(NPN transistor 0.3 A, 8 output ch.)
Analog input cassette
(12-bit non-insulated 0 to 10 V/0 to 20 mA, 2 ch.)
AFPX-MRTC
Master memory cassette with a real-time clock
(32 ksteps program memory +
real-time clock in year/month/day/hour/minute)
*Real-time clock needs an option battery.
(Real-time clock
→ Calendar timer)
AFPX-E30R
FP0 Expansion Unit
Up to 3 FP0 expansion units
can be connected.
FP-X Name and Function of Each Part
Pulse I/O cassette
(High-speed counter input: single phase 80 kHz 2 ch.,
2-phase 30 kHz 1 ch.)
(Pulse output: 1 axis 100 kHz < cw/ccw, pulse + sign >)
*Cannot be built into a transistor output type
Application cassette
AFPX-COM5
(
Avail. April 2007)
Communication cassette
(Ethernet 1 ch + RS232C 1 ch.)
Relay output
Transistor output
NEW
DC input: 8 (24 V DC)
Relay output: 8 (250 V AC/2 A)
Remarks) Two or more E16R can't be
connected serially because it can't
supply the power to other units.
Power supply (100 to 240 V AC)
DC input: 16 (24 V DC)
Relay output: 14 (250 V AC/2 A)
Remarks) Addition of up to 8 units is possible
including E16R and EFP0.
* Use the two opposite diagonal holes
for mounting when a communication
cassette is double-stacked.
FP0-E8X
FP0-E16X
FP0-E8YT
FP0-E8YRS
FP0-E16T
FP0-E16P
FP0-E32T
FP0-E32P
FP0-E8RS
FP0-E16RS
FP0-A21
FP0-A80
FP0-A04V
FP0-A04I
FP0-TC4
FP0-TC8
FP0-IOL
FP0-CCLS
FP0-E32RS*1
FP0-RTD6*1
FP0-DPS2*1
8 ch. DC input, MIL connector
16 ch. DC input, MIL connector
8 ch. transistor output, MIL connector
8 ch. relay output, screw terminal block
16 ch. transistor output, MIL connector
16 ch. PNP output, MIL connector
16 ch. DC input, 16 ch. transistor output, MIL connector
16 ch. DC input, 16 ch. PNP output, MIL connector
4 ch. DC input, 4 ch. relay output, screw terminal block
8 ch. DC input, 8 ch. relay output, screw terminal block
16ch DC input, 16ch relay output screw terminal block
6ch RTD input
PROFIBUS remote I/O unit
I/O link unit
CC-Link unit
2 ch. analog input, 1 ch. output
8 ch. analog input
4 ch. analog (voltage) output
4 ch. analog (current) output
4 ch. thermocouple input
8 ch. thermocouple input
Part number
Specifications
*1 Provided from Panasonic Electric Works Europe AG


Numéro de pièce similaire - FP0-E8RS

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
FP0-E8RSA PANASONIC-FP0-E8RSA Datasheet
2Mb / 24P
   Programmable Controllers
More results

Description similaire - FP0-E8RS

FabricantNo de pièceFiches techniqueDescription
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
   4-Axis Position (Pulse) Command Motion Controller
logo
Panasonic Battery Group
GT03_E PANASONICBATTERY-GT03_E Datasheet
204Kb / 1P
   Programmable Display for Harsh Environments in a Compact 3.5in Body
logo
National Instruments Co...
NIFP-PWM-520 NI-NIFP-PWM-520 Datasheet
201Kb / 4P
   Pulse-Width Modulation Output Module for Compact FieldPoint
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
   DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
   Standalone 6-axis pulse train motion controller
14-May-2020
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
   High-accuracy Sensing with a Thin, Compact Body.
ES2-THB OMRON-ES2-THB Datasheet
183Kb / 4P
   in a Compact Body. Controller Set Provides Superior Humidity Control and Temperature/ Humidity Control.
logo
Communications & Power ...
VZX-3530J1 CPI-VZX-3530J1 Datasheet
154Kb / 2P
   5.0 kW Compact Pulse Amplifier
VZC-3530J1 CPI-VZC-3530J1 Datasheet
154Kb / 2P
   4.25 kW Compact Pulse Amplifier
VZS-3530J1 CPI-VZS-3530J1 Datasheet
154Kb / 2P
   4.25 kW Compact Pulse Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com