Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1706ARDZ-18-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
ADP1706ARDZ-18-R7 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 20 page ADP1706/ADP1707/ADP1708 Rev. 0 | Page 3 of 20 SPECIFICATIONS VIN = (VOUT + 0.6 V) or 2.5 V (whichever is greater), IOUT = 10 mA, CIN = COUT = 4.7 μF, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Test Conditions Min Typ Max Unit INPUT VOLTAGE RANGE VIN TJ = –40°C to +125°C 2.5 5.5 V OPERATING SUPPLY CURRENT IGND IOUT = 0 mA 50 μA IOUT = 100 mA 310 μA IOUT = 100 mA, TJ = −40°C to +125°C 390 μA IOUT = 1 A 1.2 mA IOUT = 1 A, TJ = −40°C to +125°C 1.55 mA SHUTDOWN CURRENT IGND-SD EN = GND 0.1 μA EN = GND, TJ = −40°C to +125°C 1.0 μA OUTPUT VOLTAGE ACCURACY VOUT IOUT = 10 mA −1 +1 % IOUT = 100 μA to 1 A −1.5 +1.5 % Fixed Output Voltage Accuracy (ADP1706 and ADP1707) 100 μA < IOUT < 1 A, TJ = −40°C to +125°C −2.5 +2.5 % VOUT IOUT = 10 mA 0.792 0.8 0.808 V IOUT = 100 μA to 1 A 0.788 0.812 V Adjustable Output Voltage Accuracy (ADP1708)1 100 μA < IOUT < 1 A, TJ = −40°C to +125°C 0.780 0.820 V LINE REGULATION ∆VOUT/∆VIN VIN = (VOUT + 0.6 V) to 5.5 V, TJ = −40°C to +125°C −0.1 +0.1 %/ V LOAD REGULATION2 ∆VOUT/∆IOUT IOUT = 10 mA to 1 A, TJ = −40°C to +125°C 0.001 %/mA DROPOUT VOLTAGE3 VDROPOUT IOUT = 100 mA, VOUT ≥ 3.3 V 33 mV IOUT = 100 mA, VOUT ≥ 3.3 V, TJ = −40°C to +125°C 55 mV IOUT = 1 A, VOUT ≥ 3.3 V 345 mV IOUT = 1 A, VOUT ≥ 3.3 V, TJ = −40°C to +125°C 600 mV IOUT = 100 mA, 2.5 V ≤ VOUT < 3.3 V 35 mV IOUT = 100 mA, 2.5 V ≤ VOUT < 3.3 V, TJ = −40°C to +125°C 60 mV IOUT = 1 A, 2.5 V ≤ VOUT < 3.3 V 365 mV IOUT = 1 A, 2.5 V ≤ VOUT < 3.3 V, TJ = −40°C to +125°C 630 mV START-UP TIME4 tSTART-UP ADP1707 and ADP1708 100 μs ADP1706 CSS = 10 nF 7.3 ms CURRENT LIMIT THRESHOLD5 ILIMIT 1.1 1.5 1.8 A THERMAL SHUTDOWN Thermal Shutdown Threshold TSSD TJ rising 150 °C Thermal Shutdown Hysteresis TSSD-HYS 15 °C SOFT START SOURCE CURRENT (ADP1706) SSI-SOURCE SS = GND 0.6 1.1 1.6 μA VOUT to VTRK ACCURACY (ADP1707) VTRK-ERROR 0 V ≤ VTRK ≤ (0.5 × VOUT (NOM)), VOUT (NOM) ≤ 1.8 V, TJ = −40°C to +125°C −40 +40 mV 0 V ≤ VTRK ≤ (0.5 × VOUT (NOM)), VOUT (NOM) > 1.8 V, TJ = −40°C to +125°C −60 +60 mV EN INPUT EN Input Logic High VIH 2.5 V ≤ VIN ≤ 5.5 V 1.8 V EN Input Logic Low VIL 2.5 V ≤ VIN ≤ 5.5 V 0.4 V EN Input Leakage Current VI-LEAKAGE EN = IN or GND 0.1 1 μA ADJ INPUT BIAS CURRENT (ADP1708) ADJI-BIAS 30 100 nA SENSE INPUT BIAS CURRENT SNSI-BIAS 4 μA |
Numéro de pièce similaire - ADP1706ARDZ-18-R7 |
|
Description similaire - ADP1706ARDZ-18-R7 |