Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8028AR-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8028AR-REEL7
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8028AR-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8028AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 11Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 12Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 13Page - Analog Devices AD8028AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD8027/AD8028
Rev. C | Page 9 of 24
FREQUENCY (MHz)
0.1
1
10
100
1000
G = +1
VOUT = 200mV p-p
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
CL = 0pF
CL = 20pF
CL = 5pF
03327-A-009
Figure 10. AD8027 Small Signal Frequency Response for Various CLOAD
FREQUENCY (MHz)
0.1
1
10
100
1000
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
G = +2
VOUT = 200mV p-p
VOUT = 2V p-p
VOUT = 4V p-p
03327-A-010
Figure 11. Frequency Response for Various Output Amplitudes
FREQUENCY (MHz)
0.1
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
1
0
2
+125°C
–40°C
+25°C
03327-A-011
G = +1
VOUT = 200mV p-p
Figure 12. AD8027 Small Signal Frequency Response vs. Temperature
FREQUENCY (MHz)
0.1
1
10
100
1000
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
3
2
03327-A-012
CL = 0pF
CL = 20pF
CL = 5pF
G = +1
VOUT = 200mV p-p
Figure 13. AD8028 Small Signal Frequency Response for Various CLOAD
FREQUENCY (MHz)
0.1
1
10
100
1000
–4
–3
–2
–1
0
1
2
3
5
4
6
7
8
G = +2
VOUT = 0.2V p-p
RL = 1kΩ
VOUT = 2.0V p-p
RL = 1kΩ
VOUT = 2.0V p-p
RL = 150Ω
VOUT = 0.2V p-p
RL = 150Ω
03327-A-013
Figure 14. Small Signal Frequency Response for Various RLOAD Values
FREQUENCY (MHz)
0.1
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VOUT = 200mV p-p
03327-A-014
+25°C
–40°C
+125°C
Figure 15. AD8028 Small Signal Frequency Response vs. Temperature


Numéro de pièce similaire - AD8028AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8028AR-REEL7 AD-AD8028AR-REEL7 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8028AR-REEL7 AD-AD8028AR-REEL7 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results

Description similaire - AD8028AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com