Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL320R530 Fiches technique(PDF) 2 Page - AMETHERM Circuit Protection Thermistors

No de pièce SL320R530
Description  bigAMP Inrush Current Limiter Electrical Specifications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL320R530 Fiches technique(HTML) 2 Page - AMETHERM Circuit Protection Thermistors

  SL320R530 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors SL320R530 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright ® Ametherm 2003. All rights reserved.
Made in the U.S.A.
www.ametherm.com
Ametherm – USA
Corporate Headquarters
3111 N. Deer Run Rd., Suite 4
Carson City, NV 89701
U.S.A.
800-808-2434
Tel: 775-884-2434
Fax: 775-884-0670
Ametherm – Europe
Thomatronik
Brückenstrasse 1
D83022 Rosenheim
GERMANY
Tel: +49 8031-2175-10
Fax: +49 8031-2175-30
Ametherm – Europe
Sequoia Technology Ltd.
Basingstoke Road
Spencers Wood, Reading
Berks
ENGLAND RG71PW
Tel: +44 1883-7228-22
Fax: +44 1189-7690-20
Ametherm – Asia
Cost Effective Solutions
Ltd.
Rm. 1034,10/F Nan Fung Centre
264-298 Castle Peak Road
Tsuen Wan, New Territories
HONG KONG
Tel: +852 241-11998
Fax: +852 241-10278
Ametherm –
Middle East
RAPAC Electronics Ltd.
60 Amal Street, PO Box 4127
Kiryat Arie, Petach Tikva
ISRAEL 49130
Tel: +972 3-9203-456
Fax: +972 3-9203-443
bigAMP Inrush Current Limiter Mechanical Specifications
Inrush Current
Limiting for:
Switching Power Supplies
AC Motors
UPSs
Frequency Generators
Part
Number
SL32 0R230
SL32 0R530
SL32 0R536
SL32 1R030
SL32 1R036
SL32 2R023
SL32 2R025
SL32 5R020
SL32 10015
R @
25
°C
0.2
0.5
0.5
1.0
1.0
2.0
2.0
5.0
10.0
Max
SSI
30.0
30.0
36.0
30.0
36.0
23.0
25.0
20.0
15.0
100%
0.010
0.013
0.010
0.014
0.010
0.022
0.016
0.034
0.048
90%
0.013
0.014
0.011
0.015
0.012
0.025
0.023
0.037
0.058
80%
0.015
0.016
0.012
0.016
0.013
0.029
0.026
0.043
0.064
70%
0.018
0.019
0.015
0.018
0.015
0.034
0.031
0.056
0.074
60%
0.021
0.023
0.018
0.024
0.018
0.041
0.037
0.069
0.089
50%
0.025
0.028
0.023
0.030
0.024
0.052
0.049
0.082
0.102
Max
Joules
100
180
250
175
250
180
220
200
150
Resistance at % of Max Steady State Current
bigAMP Inrush Current Limiter Electrical Specifications
File No. CA 110861
File No. E209153


Numéro de pièce similaire - SL320R530

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
SL320R530 AMETHERM-SL320R530 Datasheet
308Kb / 1P
   Circuit Protection Thermistors
SL320R530 AMETHERM-SL320R530 Datasheet
32Kb / 2P
   Erin Landis
SL320R530-B AMETHERM-SL320R530-B Datasheet
308Kb / 1P
   Circuit Protection Thermistors
SL320R530 AMETHERM-SL320R530_14 Datasheet
32Kb / 2P
   Erin Landis
More results

Description similaire - SL320R530

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
logo
AMETHERM Circuit Protec...
SG57 AMETHERM-SG57 Datasheet
360Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG64 AMETHERM-SG64 Datasheet
361Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com