Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37034FV-M Fiches technique(PDF) 3 Page - Rohm

No de pièce BD37034FV-M
Description  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37034FV-M Fiches technique(HTML) 3 Page - Rohm

  BD37034FV-M Datasheet HTML 1Page - Rohm BD37034FV-M Datasheet HTML 2Page - Rohm BD37034FV-M Datasheet HTML 3Page - Rohm BD37034FV-M Datasheet HTML 4Page - Rohm BD37034FV-M Datasheet HTML 5Page - Rohm BD37034FV-M Datasheet HTML 6Page - Rohm BD37034FV-M Datasheet HTML 7Page - Rohm BD37034FV-M Datasheet HTML 8Page - Rohm BD37034FV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3/44
Datasheet
BD37034FV-M
TSZ02201-0C2C0E100010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.OCT.2013 Rev.002
www.rohm.com
TSZ22111
・15・001
Block Diagram
Figure 3. Block Diagram
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Power supply Voltage
VCCL
1
10.0
V
VCCH
1
13.5
V
Input Voltage
Vin
1
VCCL+0.3 to GND-0.3
Only SCL,SDA 7 to GND-0.3
V
Power Dissipation
Pd
1.06
2
W
Storage Temperature
Tastg
-55 to +150
Maximum voltage which can be impressed referencing GND. Operation using batteries which is used in automobiles directly cannot
be guaranteed.
2 This value decreases 8.5mW/
for Ta=25
or more.
ROHM standard board shall be mounted
Thermal resistance θja = 117.6(
/W)
ROHM Standard board
Size:70×70×1.6(
)
Material:A FR4 grass epoxy board(3% or less of copper foil area)
Operating Range
Parameter
Symbol
Limits
Unit
Power supply voltage
VCCL
7.0 to 9.5
V
VCCH
VCCL to 13.0
V
Temperature
Topr
-40 to +85


Numéro de pièce similaire - BD37034FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37033FVME2 ROHM-BD37033FVME2 Datasheet
1Mb / 41P
   Sound Processors for Car Audio
More results

Description similaire - BD37034FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com