Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA5600 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce TCA5600
Description  UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCA5600 Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button TCA5600 Datasheet HTML 2Page - Motorola, Inc TCA5600 Datasheet HTML 3Page - Motorola, Inc TCA5600 Datasheet HTML 4Page - Motorola, Inc TCA5600 Datasheet HTML 5Page - Motorola, Inc TCA5600 Datasheet HTML 6Page - Motorola, Inc TCA5600 Datasheet HTML 7Page - Motorola, Inc TCA5600 Datasheet HTML 8Page - Motorola, Inc TCA5600 Datasheet HTML 9Page - Motorola, Inc TCA5600 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TCA5600 TCF5600
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 4. Standby Current versus Supply Voltage
Figure 5. Power–Up Behavior of the 5.0 V Regulator
Figure 6. Foldback Characteristics of the 5.0 V Regulator
6
5
4
3
2
1
0
2.0
3.0
1.0
4.0 5.0
10
20
30 40
VCC1, SUPPLY VOLTAGE (IV)
VCC1
+
3
12
4
611
18
NC
914
16
15
2
10
1
5
7
8
13
17
C4
10
µF
Vout1
Q1
BD242SP
RSC
0.5
+
NC
NC
Vout2
R5
10k
Vref
NC
NC
R4
86k
VCC1
+
3
12
4
611
18
NC
914
16
15
2
10
1
5
7
8
13
17
C4
10
µF
Vout1
Q1
BD242SP
RSC
0.5
+
NC
NC
Vout2
R5
10k
Vref
NC
NC
R4
86k
Iout1
16.7
Rout1
6
5
4
3
2
1
0
2.0
3.0
1.0
4.0 5.0
10
20
30 40
VCC2, SUPPLY VOLTAGE (IV)
VCC1
+
3
12
4
611
18
NC
914
16
15
2
10
1
5
7
8
13
17
C4
10
µF
Vout1
Q1
BD242SP
RSC
0.5
+
NC
NC
Vout2
R5
10k
Vref
NC
NC
R4
86k
Iout1
Rout1
100
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
100
200
300
400
500
600
28 V
24 V
Iout1, OUTPUT CURRENT (mA)
VCC2 ≤ 20 V
ICC1
+
VCC1
Iout = 300 mA


Numéro de pièce similaire - TCA5600

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
TCA5013ZAHR TI1-TCA5013ZAHR Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
Siemens Semiconductor G...
TCA505B SIEMENS-TCA505B Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505B SIEMENS-TCA505B Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
More results

Description similaire - TCA5600

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
logo
National Semiconductor ...
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
   LM2984C Microprocessor Power Supply System
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
[Old version datasheet]   LM2984C Microprocessor Power Supply System
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
   Microprocessor-Controlled Industrial Power Supply
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL496C TI-TL496C Datasheet
105Kb / 7P
[Old version datasheet]   9-V POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com