Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMDD6001 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CMDD6001
Description  SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDD6001 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CMDD6001 Datasheet HTML 1Page - Central Semiconductor Corp CMDD6001 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDD6001
type is a silicon switching diode manufactured by
the epitaxial planar process, epoxy molded in a
SUPERminiTM surface mount package, designed
for switching applications requiring a extremely
low leakage diode.
THE MARKING CODE IS C61.
MAXIMUM RATINGS:
(TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
75
V
Peak Repetitive Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
250
mA
Peak Repetitive Forward Current
IFRM
250
mA
Forward Surge Current, tp=1.0 µsec.
IFSM
4000
mA
Forward Surge Current, tp=1.0 sec.
IFSM
1000
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=75V
500
pA
VBR
IR=100µA
100
V
VF
IF=1.0mA
0.85
V
VF
IF=10mA
0.95
V
VF
IF=100mA
1.1
V
CT
VR=0, f=1.0MHz
2.0
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
3.0
µs
CMDD6001
SUPERminiTM
SURFACE MOUNT
LOW LEAKAGE
SWITCHING DIODE
SOD-323 CASE
Central
Semiconductor Corp.
TM
R1 ( 20-July 2001)


Numéro de pièce similaire - CMDD6001

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
More results

Description similaire - CMDD6001

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMPD6001 CENTRAL-CMPD6001 Datasheet
229Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
logo
Pan Jit International I...
BAS116WS PANJIT-BAS116WS_16 Datasheet
147Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAV170W PANJIT-BAV170W_16 Datasheet
159Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003 Datasheet
109Kb / 2P
   SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com