Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU21029GUL Fiches technique(PDF) 2 Page - Rohm

No de pièce BU21029GUL
Description  4-wire Resistive Touch Screen Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU21029GUL Fiches technique(HTML) 2 Page - Rohm

  BU21029GUL Datasheet HTML 1Page - Rohm BU21029GUL Datasheet HTML 2Page - Rohm BU21029GUL Datasheet HTML 3Page - Rohm BU21029GUL Datasheet HTML 4Page - Rohm BU21029GUL Datasheet HTML 5Page - Rohm BU21029GUL Datasheet HTML 6Page - Rohm BU21029GUL Datasheet HTML 7Page - Rohm BU21029GUL Datasheet HTML 8Page - Rohm BU21029GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2/26
Datasheet
Datasheet
BU21029GUL
TSZ02201-0Y1Y0F300120-1-2
© 2011 ROHM Co., Ltd. All rights reserved.
11.Nov.2013 Rev.002
www.rohm.co.jp
TSZ22111・15・001
●Pin Configuration
●Pin Description
Pin
No
Pin
Name
I/O
Description
Equivalent
circuit
A1
YP
I/O
YP channel input
D
A2
XN
I/O
XN channel input
D
A3
YN
I/O
YN channel input
D
A4
AD0
I
Slave address input bit0
A
B1
XP
I/O
XP channel input
D
B2
PGND
-
Ground for touch screen drivers
-
B3
AD1
I
Test input(*1)
A
B4
SDA
I/O
Serial data(*2)
C
C1
PVDD
-
Power supply for touch screen
drivers.
-
C2
AUX
I
Auxiliary channel input
D
C3
RSTB
I
System reset(*3)
A
C4
SCL
I
Serial clock(*2)
C
D1
VREF
-
Regulator
output
for
control
logic.(*4)
-
D2
GND
-
Ground
-
D3
VDD
-
Power supply
-
D4
INT
O
Interrupt output. Pin polarity with
active low.
B
(*1) Connect AD1 to GND.
(*2) SCL and SDA need a pull-up resistor greater than 2.2k
Ω.
(*3) Connect RSTB to VDD if it will not be controlled.
(*4) Bypass VREF, DVDD_IN, DVDD_OUT to GND with a 1.0uF capacitor
and do not
connect to the supply.
●Equivalent Circuit
PAD
PAD
PAD
PAD
Figure A.
Figure B.
Figure C.
Figure D.
1
2
3
4
A
B
C
D
Top View
VREF
GND
VDD
INT
PVDD
AUX
RSTB
SCL
XP
PGND
AD1
SDA
YP
XN
YN
AD0


Numéro de pièce similaire - BU21029GUL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21029MUV-E2 ROHM-BU21029MUV-E2 Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
More results

Description similaire - BU21029GUL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com