Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7294SF-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BU7294SF-E2
Description  Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7294SF-E2 Fiches technique(HTML) 4 Page - Rohm

  BU7294SF-E2 Datasheet HTML 1Page - Rohm BU7294SF-E2 Datasheet HTML 2Page - Rohm BU7294SF-E2 Datasheet HTML 3Page - Rohm BU7294SF-E2 Datasheet HTML 4Page - Rohm BU7294SF-E2 Datasheet HTML 5Page - Rohm BU7294SF-E2 Datasheet HTML 6Page - Rohm BU7294SF-E2 Datasheet HTML 7Page - Rohm BU7294SF-E2 Datasheet HTML 8Page - Rohm BU7294SF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200390-1-2
©2013 ROHM Co., Ltd. All rights reserved.
4/27
22.May.2013 Rev.001
TSZ22111・15・001
BU7291G, BU7291SG, BU7294xx, BU7294Sxx
●Electrical Characteristics
○BU7291, BU7291S (Unless otherwise specified VDD=+3V, VSS=0V, Ta=25
C)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*7
Vio
25
C
-
1
9
mV
-
Input Offset Current
*7
Iio
25
C
-
1
-
pA
-
Input Bias Current
*7
Ib
25
C
-
1
-
pA
-
Supply Current
*8
IDD
25
C
-
470
800
μA
RL=∞
Av=0dB, +IN=1.5V
Full range
-
-
1100
Maximum Output Voltage(High)
VOH
25
C
VDD-0.1
-
-
V
RL=10k
Maximum Output Voltage(Low)
VOL
25
C
-
-
VSS+0.1
V
RL=10k
Large Signal Voltage Gain
Av
25
C
70
105
-
dB
RL=10k
Input Common-mode
Voltage Range
Vicm
25
C
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25
C
40
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25
C
45
80
-
dB
-
Output Source Current
*9
Isource
25
C
5
8
-
mA
VDD-0.4V
Output Sink Current
*9
Isink
25
C
9
16
-
mA
VSS+0.4V
Slew Rate
SR
25
C
-
3.0
-
V/
μs
CL=25pF
Gain Band Width
GBW
25
C
-
2.8
-
MHz
CL=25pF, f=100kHz
Unity Gain Frequency
fT
25
C
-
2.8
-
MHz
CL=25pF
Phase Margin
θ
25
C
-
50
-
deg
CL=25pF
Total Harmonic Distortion
+Noise
THD+N
25
C
-
0.03
-
%
OUT=0.8VP-P, f=1kHz
*7
Absolute value
*8
Full range BU7291: Ta=-40
C to +85C BU7291S: Ta=-40C to +105C
*9
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Numéro de pièce similaire - BU7294SF-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7294SF-E2 ROHM-BU7294SF-E2 Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
More results

Description similaire - BU7294SF-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com