Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU9795AFV-LBE2 Fiches technique(PDF) 2 Page - Rohm

No de pièce BU9795AFV-LBE2
Description  Standard LCD Segment Drivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU9795AFV-LBE2 Fiches technique(HTML) 2 Page - Rohm

  BU9795AFV-LBE2 Datasheet HTML 1Page - Rohm BU9795AFV-LBE2 Datasheet HTML 2Page - Rohm BU9795AFV-LBE2 Datasheet HTML 3Page - Rohm BU9795AFV-LBE2 Datasheet HTML 4Page - Rohm BU9795AFV-LBE2 Datasheet HTML 5Page - Rohm BU9795AFV-LBE2 Datasheet HTML 6Page - Rohm BU9795AFV-LBE2 Datasheet HTML 7Page - Rohm BU9795AFV-LBE2 Datasheet HTML 8Page - Rohm BU9795AFV-LBE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Datasheet
Datasheet
2/26
TSZ02201-0P4P0D300510-1-2
26.Feb.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU9795AFV-LB
MAX 108 segments (SEG27×COM4)
Block Diagrams / Pin Configurations / Pin Descriptions
BU9795AFV-LB
Figure 2.
Block Diagram
Figure 3.
Pin Configuration (TOP VIEW)
Table 1 Pin Description
Pin Name
Pin No.
I/O
Function
INHb
36
I
Input terminal for turn off display
H : turn on display
L : turn off display
TEST
35
I
Test input (ROHM use only)
Must be connected to VSS
OSCIN
31
I
External clock input
Ext. clock and Int. clock can be changed by command.
Must be connected to VSS when using internal oscillation circuit.
SD
34
I
Serial data input
SCL
33
I
Serial data transfer clock
CSB
32
I
Chip select : ”L” active
VSS
30
GND
VDD
29
Power supply
VLCD
28
I
Power supply for LCD driving
SEG4 to 30
1 to 23,
37 to 40
O
SEGMENT output for LCD driving
COM0 to 3
24 to 27
O
COMMON output for LCD driving
LCD BIAS
SELECTOR
Common
driver
Segment
driver
OSCILLATOR
Power On Reset
SD
SCL
VLCD
OSCIN
VSS
COM0 …… COM3
SEG4 … SEG30
IF FILTER
Serial inter face
Command
register
Common
counter
DDRAM
LCD voltage generator
Command
Data Decoder
Blink timing
generator
VDD
CSB
TEST
INHb


Numéro de pièce similaire - BU9795AFV-LBE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9795AFV-E2 ROHM-BU9795AFV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9795AFV-E2 ROHM-BU9795AFV-E2 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
More results

Description similaire - BU9795AFV-LBE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com