Moteur de recherche de fiches techniques de composants électroniques |
|
KDE1204PKS1 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
KDE1204PKS1 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 4 page Model Numbering System 12 08 P T S 1 FAN SERIES KDE: DC MOTOR FAN VOLTAGE 05:5VDC 12:12VDC 24:24VDC 48:48VDC FRAME SIZE 12:120mm 06:60mm 45:45mm 28:28mm 09:92mm 55:55mm 04:40mm 02:25mm 08:80mm 05:52mm 35:35mm 01:20mm 07:70mm 05:50mm 03:30mm 17:17mm FRAME SHAPE P:PBT Plastic A:Aluminum A:auto restart Blank:without auto restart MOTOR POLES 8: 8 Poles 6: 6 Poles Blank: 4 Poles SPEED X:SUPER 1:HIGH 2:MIDDLE 3:LOW 4:EXTRA LOW BEARING SYSTEM S: Sleeve B:Ball FRAME THICKNESS 8 A P/N Suffix KDE M:38mm L :32mm T :25mm Q:28mm K:20mm H:15mm G:12mm F :10mm D:7~8mm E:6mm C:4.8mm P/N P/N suffixes have the following significance Example: KDE1205PFB1 P/N:H.G 3rd wire with rotation detector waveform (Only available for 8025/9225/12025/12038 Series) 3rd wire with frequency generation waveform (Only available for 8025/9225/12025/12038 Serie) two ball bearing component/process upgraded low voltage start-up & open collector type low voltage smaller hub big hub new blade 3rd wire square with open collector type 3rd wire square wave signal was not amplifed 3rd wire square with open collector type (only available for P/N: H) special circuit design different dimensions, particular process or supplementary component parts R F (2) H OC LV N G V TM M BXX CXX : : : : : : : : : : : : : 2001/4/1 Worldwide Locations Headquarters: Sunonwealth Electric Machine Industry Co., Ltd. 12th floor, 120 Chung Cheng 1st Road, Kaohsiung, Taiwan, R.O.C. TEL: +886-7-7163069(41 lines) FAX: +886-7-7163086 URL: http://www.sunon.com E-mail: sunon@www.sunon.com.tw Sunon Inc. (U.S.A.) 1075 West Lambert Road Suite A, Brea, California 92821 U.S.A TEL : +1-714-255-0208 FAX :+ 1-714-255-0802 URL : http://www.sunonusa.com E-mail : info@sunon.com Sunon SAS (Europe) Parc Medicis, 66, Ave Des Pepinieres 94832, Fresnes Cedex-France TEL : +33-1-46154515 FAX : +33-1-46154510 URL: http://www.sunon.fr E-mail : info@sunon.fr Sunon Corporation (Japan) Stork Minami Otsuka 4Fl.33-1, 2 Chome, Minami Otsuka Toshimaku, Tokyo Japan 170-0005 TEL : +81-3-5395-3069 FAX: +81-3-5395-3080 URL: http://sunon.co.jp E-mail : info@sunon.co.jp Sunonwealth Electric Machine Industry (HK) Ltd. (Hong Kong) 1513 Nan Fung Center, 264 Castle Peak Road, Tsuen Wan, Hong Kong TEL :+ 852-24-111-388 FAX : +852-24-050-707 E-mail : info@sunon.com.hk Sunon Technologies PTE Ltd. (Singapore) 10 Jalan Besar, #09-09, Sim Llim Tower, Singapore 208787 TEL : +65-299-0428 FAX :+65-392-2530 E-mail : info@sunon.com.hk |
Numéro de pièce similaire - KDE1204PKS1 |
|
Description similaire - KDE1204PKS1 |