Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C041P-28TE13 Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT24C041P-28TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C041P-28TE13 Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT24C041P-28TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C041P-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT24CXX1/XX2
3
Advanced
Doc. No. 25079-00 1/98 M-1
A.C. CHARACTERISTICS
VCC=2.7V to 6.0V unless otherwise specified.
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Symbol
Parameter
VCC=2.7V - 6V
VCC=4.5V - 5.5V
Min.
Max.
Min.
Max.
Units
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time
200
200
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
1
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
50
50
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Power-Up Timing(1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Write Cycle Limits
Symbol
Parameter
Min.
Typ.
Max
Units
tWR
Write Cycle Time
10
ms
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase
cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device
does not respond to its slave address.


Numéro de pièce similaire - CAT24C041P-28TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C04 CATALYST-CAT24C04 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C04 CATALYST-CAT24C04 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C04 ONSEMI-CAT24C04 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C04 ONSEMI-CAT24C04 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04 ONSEMI-CAT24C04 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Description similaire - CAT24C041P-28TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com