Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA7083MPR Fiches technique(PDF) 10 Page - Sanken electric

No de pièce SLA7083MPR
Description  Unipolar 2-Phase Stepping Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7083MPR Fiches technique(HTML) 10 Page - Sanken electric

Back Button SLA7083MPR Datasheet HTML 6Page - Sanken electric SLA7083MPR Datasheet HTML 7Page - Sanken electric SLA7083MPR Datasheet HTML 8Page - Sanken electric SLA7083MPR Datasheet HTML 9Page - Sanken electric SLA7083MPR Datasheet HTML 10Page - Sanken electric SLA7083MPR Datasheet HTML 11Page - Sanken electric SLA7083MPR Datasheet HTML 12Page - Sanken electric SLA7083MPR Datasheet HTML 13Page - Sanken electric SLA7083MPR Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
SANKEN ELECTRIC CO., LTD.
28610.23, Rev. 1
Unipolar 2-Phase Stepping Motor Driver ICs
SLA7080M Series
Application Information
INA, ¯
I
¯¯
N
¯¯
A
¯, INB, ¯I
¯¯
N
¯¯
B¯, B_SEL, and SYNC pins
These inputs operate with CMOS input. The default state is high
impedance, and they must be driven to logic high or logic low.
When these logic input pins are used, they should be pulled down
to the ground side using a 1 to 10 kΩ resistor. Any of these pins
that are not used must either be pulled up to the VDD side or be
pulled down to the ground side.
If they are left open, malfunction or permanent damage to the
product may result. For example, in case the signal from the
microcomputer has high impedance, a pull-down or pull-up resis-
tor should be provided. In particular, when an INx pin is in high
impedance during operation, abnormal oscillation of the output
may be caused and in the worst case, this will result in permanent
damage to the MOSFETs.
A low pass filter (LPF) is provided on each the logic input pin.
These improve noise filtering.
Sleep Mode
The SLA7080M can be set into Sleep mode, in which the motor
is not controlled, so it can move freely. To enable Sleep mode, set
the REF pin at more than 2 V. In Sleep mode, the device stops the
main power supply and decreases circuit current.
When shifting the device directly from the Sleep mode to the
normal operating mode (motor rotation), not only the rise time
of the device, but also the rise time of motor excitation current
should be considered when determining the amount of time lag
from the cancellation of Sleep mode to the next motor phase
input command. As shown in figure 8, a minimum lag of 100 μs
is recommended.
Because of the built-in circuit protection features, be cautious
about taking too long when switching between the Motor Cur-
rent Setting range and the Sleep Limit range (refer to figure 9).
Because the VOCP level occurs in the Prohibited range, between
those two areas, if the switching time is too lengthy, overcurrent
protection will start operating when VSENSE > VOCP.
FLAG pin
This is the output for the protection circuit:
FLAG Pin Output Logic
Low
Normal operation
High
Protection circuit operation
It is designed for CMOS output, as shown in the equivalent
circuit in figure 10. Therefore, if the FLAG logic pin is not used,
it must be left open.
Internal Sense Resistors, RS
Sense resistors which detect motor currents are incorporated in
this product series. The values of the internal sense resistors, RS ,
can be calculated (for the standard SLA7080M variants listed in
this document) by applying the power loss formula:
P
≈ IO2 × RS .
Figure 9. Reference voltage, VREF, ranges
VREF
(V)
2.00
Sleep Limit Range
Motor Current
Setting Range
VDD
VOCP Detect
(Typical)
1.5 A,
3.0 A
2.0 A
1.0 A
Prohibited Range
0.70
0.45
0.30
0.04
0.40
Figure 8. External circuit for detecting phase control signals
100 μs (min)
REF
Phase
Command


Numéro de pièce similaire - SLA7083MPR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
logo
Sanken electric
SLA7020 SANKEN-SLA7020 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021 SANKEN-SLA7021 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021M SANKEN-SLA7021M Datasheet
99Kb / 10P
   Unipolar Driver ICs
More results

Description similaire - SLA7083MPR

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1120F SHINDENGEN-MTD1120F Datasheet
408Kb / 2P
   Stepping Motor Driver ICs
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
   Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
   Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
   Stepping Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com