Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD2408350W Fiches technique(PDF) 4 Page - MicroPower Direct, LLC

No de pièce LD2408350W
Description  LD24-xx-xxW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPD [MicroPower Direct, LLC]
Site Internet  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD2408350W Fiches technique(HTML) 4 Page - MicroPower Direct, LLC

  LD2408350W Datasheet HTML 1Page - MicroPower Direct, LLC LD2408350W Datasheet HTML 2Page - MicroPower Direct, LLC LD2408350W Datasheet HTML 3Page - MicroPower Direct, LLC LD2408350W Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Pin Connections
Pin
Color
LD24-xx-xxxW
Pin
Color
LD24-xx-xxxWA
1
Black
-VIN
-DC Supply
1
Black
-VIN
-DC Supply
2
White
No Wire
2
White
VADJ
PWM, On/Off
8
Blue
-LED LED Cathode Conn.
8
Blue
-LED LED Cathode Conn.
9
Yellow
+LED
LED Anode Conn.
9
Yellow
+LED
LED Anode Conn.
16
Red
+VIN
+DC Supply
16
Red
+VIN
+DC Supply
Mechanical Dimensions
Analog Output Current Control
The output current of the unit can also be set by
adjusting the voltage level on the VADJ input to a
value between 0.3V to 1.25V (IOUT will vary from
25% to 100% of rated output current). Care must
be taken not to exceed 1.25V on this input, or
the driver may be damaged.
A simple analog circuit using two low cost,
switching regulators is shown at left. Work-
ing from inputs that can range from 15 to 32
VDC,the top regulator (SR1) keeps the input to
the LED driver at 12 VDC.
The other regulator (SR2), driven off the same
input line maintains the control voltage (for the
VADJ input) at 5 VDC. The resister network of R1
and R2 can now be used to set the output cur-
rent level of the LED driver. This level is equal to:
V
RR
R
XV
12
2
ADJ
CTRL
=
+
In the second circuit, the 5 VDC regulator (SR2) is
replaced by the shunt regulator (D1) circuit con-
nected in parallel with the resistor network. The
regulator will maintain the voltage across R2 and
R3 at 2.5 VDC, insuring that the 1.25 VDC limit
on the VADJ pin will not be exceeded. This circuit
will work for inputs between 7VDC and 30 VDC.
When using the analog control input, the nominal
output current is equal to:
.
II
x
V
125
NOM
MAX
ADJ
=
The VADJ input should be left open if not used.
Grounding VADJ will shut the unit down. Connect-
ing VADJ to directly to +VIN may damage the unit.
Analog Output Current Control (7 - 30 VDC IN)


Numéro de pièce similaire - LD2408350W

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
LD2408350 MPD-LD2408350 Datasheet
632Kb / 4P
   LD24
More results

Description similaire - LD2408350W

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
LD48W MPD-LD48W Datasheet
639Kb / 4P
   LD48-xx-xxW
LD24 MPD-LD24 Datasheet
632Kb / 4P
   LD24
logo
MRV Communications, Inc...
SFP-O3-M MRV-SFP-O3-M Datasheet
49Kb / 2P
   OC-xx/STM-xx SFP Interfaces
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
   Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Adam Technologies, Inc.
MHF-XX-SGS ADAM-TECH-MHF-XX-SGS Datasheet
111Kb / 1P
   XX POSITION HEADER
logo
Tyco Electronics
2-1437653-5 MACOM-2-1437653-5 Datasheet
309Kb / 2P
   6PCV-XX-006
logo
MicroPower Direct, LLC
SRS-05A MPD-SRS-05A Datasheet
589Kb / 4P
   SRS05A-xx SERIES
logo
JFW Industries, Inc.
50S-1360-XX JFW-50S-1360-XX Datasheet
31Kb / 2P
   50S-1360-XX
logo
MicroPower Direct, LLC
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
   LDM12-xx-xxx
logo
Winchester Electronics ...
20906 WINCHESTER-20906 Datasheet
165Kb / 1P
   COMPSITE OUTLINE ASSY SREC xx PJ SREC xx PJ-859
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com