Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7905DN-T1-GE3 Fiches technique(PDF) 9 Page - Vishay Siliconix

No de pièce SI7905DN-T1-GE3
Description  Dual P-Channel 40 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7905DN-T1-GE3 Fiches technique(HTML) 9 Page - Vishay Siliconix

Back Button SI7905DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SI7905DN-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.vishay.com
2
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
PowerPAK 1212 DUAL
To take the advantage of the dual PowerPAK 1212-8’s
thermal performance, the minimum recommended
land pattern can be found in Application Note 826,
Recommended Minimum Pad Patterns With Outline
Drawing Access for Vishay Siliconix MOSFETs. Click
on the PowerPAK 1212-8 dual in the index of this doc-
ument.
The gap between the two drain pads is 10 mils. This
matches the spacing of the two drain pads on the Pow-
erPAK 1212-8 dual package.
This land pattern can be extended to the left, right, and
top of the drawn pattern. This extension will serve to
increase the heat dissipation by decreasing the ther-
mal resistance from the foot of the PowerPAK to the
PC board and therefore to the ambient. Note that
increasing the drain land area beyond a certain point
will yield little decrease in foot-to-board and foot-to-
ambient thermal resistance. Under specific conditions
of board configuration, copper weight, and layer stack,
experiments have found that adding copper beyond an
area of about 0.3 to 0.5 in2 of will yield little improve-
ment in thermal performance.
REFLOW SOLDERING
Vishay Siliconix surface-mount packages meet solder
reflow reliability requirements. Devices are subjected
to solder reflow as a preconditioning test and are then
reliability-tested using temperature cycle, bias humid-
ity, HAST, or pressure pot. The solder reflow tempera-
ture profile used, and the temperatures and time
duration, are shown in Figures 2 and 3. For the lead
(Pb)-free solder profile, see http://www.vishay.com/
doc?73257.
Ramp-Up Rate
+ 6
°C /Second Maximum
Temperature at 155 ± 15
°C
120 Seconds Maximum
Temperature Above 180
°C
70 - 180 Seconds
Maximum Temperature
240 + 5/- 0
°C
Time at Maximum Temperature
20 - 40 Seconds
Ramp-Down Rate
+ 6
°C/Second Maximum
Figure 2. Solder Reflow Temperature Profile
Figure 3. Solder Reflow Temperatures and Time Durations
210 - 220 °C
3 ° C/s (max)
4 ° C/s (max)
10 s (max)
183 °C
50 s (max)
Reflow Zone
60 s (min)
Pre-Heating Zone
3° C/s (max)
140 - 170 °C
Maximum peak temperature at 240 °C is allowed.


Numéro de pièce similaire - SI7905DN-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7905DN VISHAY-SI7905DN Datasheet
552Kb / 13P
   Dual P-Channel 40 V (D-S) MOSFET
Rev. C, 07-Nov-11
SI7905DN VISHAY-SI7905DN Datasheet
553Kb / 13P
   Dual P-Channel 40 V (D-S) MOSFET
08-Feb-17
SI7905DN VISHAY-SI7905DN_V01 Datasheet
553Kb / 13P
   Dual P-Channel 40 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI7905DN-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4909DY-T1-GE3 VISHAY-SI4909DY-T1-GE3 Datasheet
273Kb / 10P
   Dual P-Channel 40 V (D-S) MOSFET
Rev. A, 15-Nov-10
SI7905DN VISHAY-SI7905DN_V01 Datasheet
553Kb / 13P
   Dual P-Channel 40 V (D-S) MOSFET
08-Feb-17
logo
VBsemi Electronics Co.,...
VBA4436 VBSEMI-VBA4436 Datasheet
632Kb / 9P
   Dual P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7905DN VISHAY-SI7905DN Datasheet
552Kb / 13P
   Dual P-Channel 40 V (D-S) MOSFET
Rev. C, 07-Nov-11
SI4909DY VISHAY-SI4909DY Datasheet
215Kb / 9P
   Dual P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com