Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C161U14-25TE13 Fiches technique(PDF) 10 Page - Catalyst Semiconductor

No de pièce CAT28C161U14-25TE13
Description  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C161U14-25TE13 Fiches technique(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT28C161U14-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
9-104
CAT25CXXX
Stock No. 21085-01 4/98
Advanced
DEVICE OPERATION FOR THE
SUPERVISORY CIRCUIT
Reset Controller Description
The CAT25CXXX provides a precision RESET control-
ler that ensures correct system operation during brown-
out and power-up/down conditions. It is configured
with open drain RESET outputs. During power-up, the
RESET outputs remain active until VCC reaches the
VTH threshold and will continue driving the outputs for
approximately 200ms (tPURST) after reaching VTH. After
the tPURST timeout interval, the device will cease to drive
reset outputs. At this point the reset outputs will be
pulled up or down by their respective pull up/pull down
devices. During power-down, the RESET outputs will
begin driving active when VCC falls below VTH. The
RESET outputs will be valid so long as VCC is >1.0V
(VRVALID).
The RESET pins are I/Os; therefore, the CAT25CXXX
can act as a signal conditioning circuit for an externally
applied reset. The inputs are level triggered; that is, the
RESET input in the 25CXXX will initiate a reset timeout
after detecting a high and the
RESET input in the
25CXXX will initiate a reset timeout after detecting a low.
Watchdog Timer
The Watchdog Timer provides an independent protec-
tion for microcontrollers. During a system failure, the
CAT25CXXX will respond with a reset signal after a
time out period (the time out period is defined by the
watchdog timer bits WD0 an d WD1) for lack of activity.
25CXXX is designed with the Watchdog Timer feature
on the
CS input. For the 25CXXX, if the microcontroller
does not toggle the
CS pin within the time out period the
Watchdog Timer times out. This will generate a reset
condition on reset outputs. The Watchdog Timer is
cleared by any transition on
CS.
As long as the reset signal is asserted, the Watchdog
Timer will not count and will stay cleared.
Reset Threshold Voltage
From the factory the 25CXXX is offered in six different
variations of reset threshold voltages. They are 4.50-
4.75V, 4.25-4.50V, 3.00-3.15V, 2.85-3.00V, 2.55-2.70V
and 1.7-1.8V. To provide added flexibility to design
engineers using this product, the 25CXXX is designed
with an additional feature of programming the reset
threshold voltage. This allows the user to change the
existing reset threshold voltage to one of the other five
reset threshold voltages.
Once the reset threshold
voltage is selected it will not change even after cycling
the power, unless the user uses the programmer to
change the reset threshold voltage.
However, the
programming function is available only through third
party programmer manufacturers. Please call Catalyst
for a list of programmer manufacturers who support this
function.
Figure 8. Page Write Instruction Timing
SK
SI
CS
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data
Byte N


Numéro de pièce similaire - CAT28C161U14-25TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Description similaire - CAT28C161U14-25TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com