Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2202G-LBTR Fiches technique(PDF) 5 Page - Rohm

No de pièce BD2202G-LBTR
Description  Load Switch ICs for Portable Equipment
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2202G-LBTR Fiches technique(HTML) 5 Page - Rohm

  BD2202G-LBTR Datasheet HTML 1Page - Rohm BD2202G-LBTR Datasheet HTML 2Page - Rohm BD2202G-LBTR Datasheet HTML 3Page - Rohm BD2202G-LBTR Datasheet HTML 4Page - Rohm BD2202G-LBTR Datasheet HTML 5Page - Rohm BD2202G-LBTR Datasheet HTML 6Page - Rohm BD2202G-LBTR Datasheet HTML 7Page - Rohm BD2202G-LBTR Datasheet HTML 8Page - Rohm BD2202G-LBTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/22
BD2202G-LB
BD2206G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300370-1-2
21.Feb.2014 Rev.002
Measurement Circuits
VIN
GND
EN
OUT
NC
VIN
GND
EN
OUT
NC
A. Operating current
B. EN input voltage, Output rise / fall time
VIN
GND
EN
OUT
NC
VIN
GND
EN
OUT
NC
C.ON resistance
D. Over current protection characteristics
Figure 1. Measurement circuits
Timing Diagrams
Figure 2. Switch Turn on / off time
Figure 3. Over current limits characteristics
TON2
TOFF2
TON1
TOFF1
VEN
VOUT
50%
50%
10%
90%
10%
90%
VOUT
IOUT
TBLANK
Over current detection


Numéro de pièce similaire - BD2202G-LBTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2202G-TR ROHM-BD2202G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

Description similaire - BD2202G-LBTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com