Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2066FJ-LBE2 Fiches technique(PDF) 6 Page - Rohm

No de pièce BD2066FJ-LBE2
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2066FJ-LBE2 Fiches technique(HTML) 6 Page - Rohm

Back Button BD2066FJ-LBE2 Datasheet HTML 2Page - Rohm BD2066FJ-LBE2 Datasheet HTML 3Page - Rohm BD2066FJ-LBE2 Datasheet HTML 4Page - Rohm BD2066FJ-LBE2 Datasheet HTML 5Page - Rohm BD2066FJ-LBE2 Datasheet HTML 6Page - Rohm BD2066FJ-LBE2 Datasheet HTML 7Page - Rohm BD2066FJ-LBE2 Datasheet HTML 8Page - Rohm BD2066FJ-LBE2 Datasheet HTML 9Page - Rohm BD2066FJ-LBE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/22
BD2062FJ-LB BD2066FJ-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300360-1-2
21.Feb.2014 Rev.002
Typical Performance Curves
(Reference Data)
Figure 4. Operating current
EN, /EN enable
0
20
40
60
80
100
120
140
160
180
23
45
6
SUPPLY VOLTAGE: VIN (V)
TA=25℃
Figure 6. Standby current
EN, /EN disable
0
0.2
0.4
0.6
0.8
1
234
56
SUPPLY VOLTAGE: VIN (V)
TA=25℃
Figure 5. Operating current
EN, /EN enable
0
20
40
60
80
100
120
140
160
180
-50
0
50
100
AMBIENT TEMPERATURE: TA(℃)
VIN=5V
Figure 7. Standby current
EN, /EN disable
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V


Numéro de pièce similaire - BD2066FJ-LBE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2066FJ-E2 ROHM-BD2066FJ-E2 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
More results

Description similaire - BD2066FJ-LBE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com