Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD433M2WFP3-CE2 Fiches technique(PDF) 11 Page - Rohm

No de pièce BD433M2WFP3-CE2
Description  200-mA 3.3-V or 5.0-V Output LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD433M2WFP3-CE2 Fiches technique(HTML) 11 Page - Rohm

Back Button BD433M2WFP3-CE2 Datasheet HTML 7Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 8Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 9Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 10Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 11Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 12Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 13Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 14Page - Rohm BD433M2WFP3-CE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Datasheet
Datasheet
11/34
TSZ02201-0T2T0AN00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.Oct.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD4xxM2-C
Series
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
Output Current: IOUT[mA]
Tj = -40 °C
Tj = 25 °C
Tj = 125 °C
●Typical Performance Curves
■BD433M2WEFJ-C / BD433M2EFJ-C / BD433M2WFP3-C / BD433M2FP3-C Reference Data
Unless otherwise specified: -40 °C
≤ Tj ≤ +150 °C, VCC = 13.5 V, CTL = 5 V (*1), IOUT = 0 mA.
*1 Applicable for product with Enable Input.
Figure10. Output Voltage vs. Output Current
(Over Current Protection)
Figure 9. Output Voltage vs. Power Supply Voltage
(IOUT = 10 mA)
Figure 11. Dropout Voltage
(VCC = 3.135 V)
Figure 12. Ripple Rejection
(ein = 1 Vrms, IOUT = 100 mA)
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
Supply Voltage: VCC[V]
Tj = -40 °C
Tj = 25 °C
Tj = 125 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80 100 120 140 160 180 200
Output Current: IOUT[mA]
Tj = -40 °C
Tj = 25 °C
Tj = 125 °C
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency: f [kHz]
Tj = -40 °C
Tj = 25 °C
Tj = 125 °C


Numéro de pièce similaire - BD433M2WFP3-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD433M2WFP3-CE2 ROHM-BD433M2WFP3-CE2 Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
More results

Description similaire - BD433M2WFP3-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com