Moteur de recherche de fiches techniques de composants électroniques |
|
1-1376441-2 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
1-1376441-2 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 98 page 136 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued) AMP Soft Shell Pin and Socket Connectors Quick Reference Chart for Mating Part Numbers Applicable No. of Pos. Double Lock Plate Mating Header Assy. Type of Keying/Color Part Number Part Number Part Number Type A/Natural 1376388-1 1376394-1 1376382-1 2 Type B/Red 1-1376388-2 1376394-1 1-1376382-2 Type C/Blue 2-1376388-3 1376294-1 2-1376382-3 Type D/Yellow 3-1376388-4 1376394-1 3-1376382-4 Type A/Natural 1376389-1 1376395-1 1376383-1 1376421-1 3 Type B/Red 1-1376389-2 1376395-1 1-1376383-2 1-1376421-2 Type C/Blue 2-1376389-3 1376395-1 2-1376383-3 2-1376421-3 Type D/Yellow 3-1376389-4 1376395-1 3-1376383-4 3-1376421-4 Type A/Natural 1376390-1 1376396-1 1376384-1 4 Type B/Red 1-1376390-2 1376396-1 1-1376384-2 Type C/Blue 2-1376390-3 1376396-1 2-1376384-3 Type D/Yellow 3-1376390-4 1376396-1 3-1376384-4 Type A/Natural 1376391-1 1376397-1 1376385-1 6 Type B/Red 1-1376391-2 1376397-1 1-1376385-2 Type C/Blue 2-1376391-3 1376397-1 2-1376385-3 Type D/Yellow 3-1376391-4 1376397-1 3-1376385-4 2 Row Type A/Natural 1376392-1 1376394-1 1376386-1 4 Type B/Red 1-1376392-2 1376394-1 1-1376386-2 Type C/Blue 2-1376392-3 1376394-1 2-1376386-3 Type D/Yellow 3-1376392-4 1376394-1 3-1376386-4 Type A/Natural 1376393-1 1376395-1 1376387-1 6 Type B/Red 1-1376393-2 1376395-1 1-1376387-2 Type C/Blue 2-1376393-3 1376395-1 2-1376387-3 Type D/Yellow 3-1376393-4 1376395-1 3-1376387-4 *Included in Header Assy. line are Tube Stick version. Refer to the appropriate description in the catalog. Note: All part numbers are RoHS Compliant. Plug Housing Note: Dimensions shown are metric. |
Numéro de pièce similaire - 1-1376441-2 |
|
Description similaire - 1-1376441-2 |