Moteur de recherche de fiches techniques de composants électroniques |
|
BD30HC0MEFJ-LB Fiches technique(PDF) 3 Page - Rohm |
|
BD30HC0MEFJ-LB Fiches technique(HTML) 3 Page - Rohm |
3 / 24 page 3/21 BDxxHC0MEFJ-LB Datasheet TSZ02201-0R6R0AZ00560-1-2 © 2013 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 21.Feb.2014 Rev.002 Block Diagram BD00HC0MEFJ-LB BDxxHC0MEFJ-LB (Fixed type) Pin Configuration Pin Description Pin No. Pin name Pin Function 1 VO Output pin 2 FB/Vo_s Feedback pin (Used to connect Vo) 3 GND GND pin 4 N.C. Non Connection (Used to connect GND or OPEN state.) 5 EN Enable pin 6 N.C. Non Connection (Used to connect GND or OPEN state.) 7 N.C. Non Connection (Used to connect GND or OPEN state.) 8 VCC Input pin Reverse FIN Substrate(Connect to GND) Figure 1. Block Diagram Figure 2. Block Diagram (Fixed type) TOP VIEW VO GND N.C. N.C. N.C. EN VCC FB/Vo_s GND EN Ceramic Capacitor Vo VCC FB R1 R2 Ceramic Capacitor ≧ 1.0 μF ≧ 1.0 μF 1.5V to 7.0V (VO+0.90) to 8.0V TSD 8 1 3 5 2 OCP SOFT START FIN Body d i GND EN TSD 8 1 3 5 2 OCP SOFT START FIN Body d i Ceramic Capacitor Vo VCC Vo_s Ceramic Capacitor ≧ 1.0 μF ≧ 1.0 μF 4.5V~8.5V |
Numéro de pièce similaire - BD30HC0MEFJ-LB |
|
Description similaire - BD30HC0MEFJ-LB |