Moteur de recherche de fiches techniques de composants électroniques |
|
D-602-1617 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
D-602-1617 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 9 page Shielded Contacts 8-68 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 SolderTacts Shielded One-Piece Solder Contacts (Continued) Contact Cable Diameter Raychem Military Wire SolderTacts Size Polarity Cable Type Specification JOD SOD DOD COD (AWG) Part No. MIS-20067/5-001† 1.78–4.70 1.65–2.79 .76–2.03 .23–.51 24–32 D-602-16 12 S Coaxial [.070–.185] [.065–.110] [.030–.080] [.009–.020] MIS-20067/6-001† 1.78–4.70 1.65–2.79 .76–2.03 .23–.51 24–32 D-602-17 12 P Coaxial [.070–.185] [.065–.110] [.030–.080] [.009–.020] — 1.52–3.30 1.68–2.13 .91–1.75 .30–.66 24–30 D-602-46 16 P Coaxial [.060–.130] [.066–.089] [.036–.069] [.012–.026] — 1.52–3.30 1.68–2.13 .91–1.75 .30–.66 26–32 D-602-47 16 S Coaxial [.060–.130] [.066–.089] [.036–.069] [.012–.026] — — — .76–1.24 .28–.79 24–30 D-602-56 16 P Twinax [.030–.049] [.011–.031] — — — .76–1.24 .28–.79 24–30 D-602-57 16 S Twinax [.030–.049] [.011–.031] †These SolderTacts contacts are on qualified parts list for indicated specification. Engineering Convection Standard (Hot Air) Heating Contact Contact (Termination AT-1319 Repair Insertion Removal Part Numbers Instructions) Adapter Wand Tool Tool D-602-46/47 ES61137 AT-1319-17 * AD-1525 AD-1526 D-602-56/57 ES61138 — — (M81969/17-04) (M81969/19-08) D-602-16/17 ES61161 — — — — *Could be developed. Note: AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air Heating Tool shown on page 10-13. SolderTacts Product Construction, MIL-C-26482 Series Jacket (JOD) Shield (SOD) Dielectric (DOD) Conductor (COD) SolderTacts Series: MIL-C-26482 Tooling Selection Guide |
Numéro de pièce similaire - D-602-1617 |
|
Description similaire - D-602-1617 |