Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA2115F-E2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BA2115F-E2
Description  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA2115F-E2 Fiches technique(HTML) 4 Page - Rohm

  BA2115F-E2 Datasheet HTML 1Page - Rohm BA2115F-E2 Datasheet HTML 2Page - Rohm BA2115F-E2 Datasheet HTML 3Page - Rohm BA2115F-E2 Datasheet HTML 4Page - Rohm BA2115F-E2 Datasheet HTML 5Page - Rohm BA2115F-E2 Datasheet HTML 6Page - Rohm BA2115F-E2 Datasheet HTML 7Page - Rohm BA2115F-E2 Datasheet HTML 8Page - Rohm BA2115F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/26
31.OCT.2012 Rev.001
TSZ22111・15・00
BA2107G, BA2115xxx
○BA2115 (Unless otherwise specified VCC=+2.5V, VEE=-2.5V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*8
Vio
-
1
6
mV
VOUT=0V, Vicm=0V
Input Offset Current
*8
Iio
-
2
200
nA
VOUT=0V, Vicm=0V
Input Bias Current
*9
Ib
-
150
400
nA
VOUT=0V, Vicm=0V
Supply Current
ICC
-
3.5
5
mA
RL=∞, All Op-Amps, VIN+=0V
Maximum Output Voltage(High)
VOH
4.5
4.8
-
V
RL≧2.5k
Ω, VOHmin=VCC-0.5V
-
11.6
-
RL≧10k
Ω, VCC=12V, VEE=0V
VRL=6V, VOH=VCC-0.4V
-
15.5
-
RL≧10k
Ω, VCC=16V, VEE=0V
VRL=8V, VOH=VCC-0.5V
Maximum Output Voltage(Low)
VOL
0.5
0.2
-
V
RL≧2.5k
Ω, VOLmin=VEE+0.5V
-
0.4
-
RL≧10k
Ω, VCC=12V, VEE=0V
VRL=6V, VOL=VEE+0.4V
-
0.5
-
RL≧10k
Ω, VCC=16V, VEE=0V
VRL=8V, VOL=VEE+0.5V
Output Source Current
Isource
-
1.4
-
mA
-
Output Sink Current
Isink
-
90
-
mA
-
Large Signal Voltage Gain
Av
60
80
-
dB
RL≧10k
Ω
VOUT=±2V, Vicm=0V
Input Common-mode Voltage Range
Vicm
±1.5
-
-
V
-
Common-mode Rejection Ratio
CMRR
60
74
-
dB
Vicm=-1.5V to +1.5V
Power Supply Rejection Ratio
PSRR
60
80
-
dB
VCC=+2V to +14V
Slew Rate
SR
-
4
-
V/μs
Av=0dB, VIN=±1V
Gain Bandwidth Product
GBW
-
12
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
3.4
-
MHz
0dB cross frequency
Input Referred Noise Voltage
Vn
-
7
-
Hz
nV/
Rg=600
Ω, DIN-AUDIO
-
0.9
-
μVrms Rg=600Ω, DIN-AUDIO
Total Harmonic Distortion
THD+N
-
0.008
-
Av=20dB, f=1kHz, DIN-AUDIO
Channel Separation
CS
-
100
-
dB
Av=40dB
*8
Absolute value
*9
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Numéro de pièce similaire - BA2115F-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA2115F-E2 ROHM-BA2115F-E2 Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2115F-E2 ROHM-BA2115F-E2 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results

Description similaire - BA2115F-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com