Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4738 Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce Si4738
Description  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4738 Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button Si4738 Datasheet HTML 4Page - Silicon Laboratories Si4738 Datasheet HTML 5Page - Silicon Laboratories Si4738 Datasheet HTML 6Page - Silicon Laboratories Si4738 Datasheet HTML 7Page - Silicon Laboratories Si4738 Datasheet HTML 8Page - Silicon Laboratories Si4738 Datasheet HTML 9Page - Silicon Laboratories Si4738 Datasheet HTML 10Page - Silicon Laboratories Si4738 Datasheet HTML 11Page - Silicon Laboratories Si4738 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Si473x-B20
8
Rev. 0.5
Table 5. 2-Wire Control Interface Characteristics1,2,3
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCL
0—
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input to SDIO
Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
Hold
(START)
tHD:STA
0.6
µs
SDIO Input to SCLK
Setup
tSU:DAT
100
ns
SDIO Input to SCLK
Hold4,5
tHD:DAT
0—
900
ns
SCLK input to SDIO
Setup
(STOP)
tSU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
—250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
—300
ns
SCLK, SDIO Capacitive Loading
Cb
——
50
pF
Input Filter Pulse Suppression
tSP
50
ns
Notes:
1. When VIO = 0 V, SCLK and SDIO are low impedance.
2. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
3. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high
until after the first start condition.
4. The Si473x delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum tHD:DAT
specification.
5. The maximum tHD:DAT has only to be met when fSCL = 400 kHz. At frequencies below 400 KHz, tHD:DAT may be
violated as long as all other timing parameters are met.
20
0.1
C
b
1pF
-----------
+
20
0.1
C
b
1pF
-----------
+


Numéro de pièce similaire - Si4738

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4738 SILABS-SI4738 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4738 SILABS-SI4738 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4738 SILABS-SI4738 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4738 SILABS-Si4738 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4738-B20 SILABS-SI4738-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Description similaire - Si4738

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com