Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1W Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce CX1W
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CX1W Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CX1W Datasheet HTML 7Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 8Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 9Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 10Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 11Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 12Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 13Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 14Page - List of Unclassifed Manufacturers CX1W Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
22 AWG PVC WIRE
E-ZZ-M
MICRO-HHOOK TTEST LLEADS: XXM, XXG && XXK
MODEL XXM
MODEL XXK
ALL M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following leads
is 22 AWG PVC or 22 AWG coil cord,
unless otherwise specified.
Additional lead lengths, wire types, and custom leads are available upon request.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color)= 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 204XM-12-S or 204XM-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
3”
6”
12”
18”
8cm
15cm
30cm
45cm
48” Coil Cord
24”
36”
48”
60”
60cm
90cm
120cm
150cm
Standard lengths include:
MICRO-HHOOK TTO M
MICRO-HHOOK JJUMPER
MICRO-HHOOK: See selected model style.
MICRO-HHOOK: See selected model style.
MICRO-HHOOK TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
MICRO-HHOOK TTO SSTANDARD BBANANA PPLUG
MICRO-HHOOK: See selected model style.
STANDARD BBANANA PPLUG: See Part No. 9202.
MODEL XXG (Select XXG25, XXG31 oor XXG40)
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 204XM-12-RED)
Hook Model
Part Number
XM
204XM-(length)-(color)
XK
204XK-(length)-(color)
XG (25,31,or 40)
204XG25-(length)-(color)
Coil cord, add C after part no. (Ex. 204XMC)
28 AWG PVC WIRE
Hook Model
Part Number
XM
704XM-(length)-(color)
XK
704XK-(length)-(color)
XG (25,31,or 40)
704XG25-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
XM
304XM-(length)-(color)
XK
304XK-(length)-(color)
XG (25,31,or 40)
304XG25-(length)-(color)
28 AWG PVC WIRE
Hook Model
Part Number
XM
713XM-(length)-(color)
XK
713XK-(length)-(color)
XG (25,31,or 40)
713XG25-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
XM
313XM-(length)-(color)
XK
313XK-(length)-(color)
XG (25,31,or 40)
313XG25-(length)-(color)
22 AWG PVC WIRE
Hook Model
Part Number
XM
213XM-(length)-(color)
XK
213XK-(length)-(color)
XG (25,31,or 40)
213XG25-(length)-(color)
Coil cord, add C after part no. (Ex. 213XMC)
22 AWG PVC WIRE
Hook Model
Part Number
XM
BXM-(length)-(color)
XK
BXK-(length)-(color)
XG (25,31,or 40)
BXG25-(length)-(color)
Coil cord, add C after part no. (Ex. BXMC)
XM m
model sshown
XM m
model sshown
XM m
model sshown
8
www.e-zz-hhooook.coom
m


Numéro de pièce similaire - CX1W

FabricantNo de pièceFiches techniqueDescription
logo
EUROQUARTZ limited
CX1 EUROQUARTZ-CX1 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
CX1-EXT IQD-CX1-EXT Datasheet
171Kb / 3P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CX1008SB37400B0FLF KSS-CX1008SB37400B0FLF Datasheet
298Kb / 1P
   Crystal units surface mount type
More results

Description similaire - CX1W

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
   Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
   Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com