Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC5210D Fiches technique(PDF) 10 Page - Sanken electric

No de pièce LC5210D
Description  Off-Line LED Driver ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5210D Fiches technique(HTML) 10 Page - Sanken electric

Back Button LC5210D Datasheet HTML 6Page - Sanken electric LC5210D Datasheet HTML 7Page - Sanken electric LC5210D Datasheet HTML 8Page - Sanken electric LC5210D Datasheet HTML 9Page - Sanken electric LC5210D Datasheet HTML 10Page - Sanken electric LC5210D Datasheet HTML 11Page - Sanken electric LC5210D Datasheet HTML 12Page - Sanken electric LC5210D Datasheet HTML 13Page - Sanken electric LC5210D Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
SANKEN ELECTRIC CO., LTD.
LC5200-DS, Rev. 6.0
Off-Line LED Driver ICs
LC5200 Series
Functional Description
PMW Current Control (Buck Converter)
• The polarity value for current specifies a sink as "+ ," and a
source as “−,” referencing the IC.
• All of the parameter values used in these descriptions are typical
values, unless they are specified as minimum or maximum.
PWM On-Time Period
At startup, or during normal operation before the output cur-
rent through the LED string reaches the target current level, the
internal power MOSFET turns on and the output current flows
through the ION path shown in figure 2.
Turning-Off Period
The output current through the LED string is equivalent to the
current through the detection resistor, RS, and thus the LED cur-
rent is detected at the SEN pin as a voltage. When the SEN pin
voltage, VSEN, is equal to the REF pin voltage, VREF, the internal
power MOSFET turns off.
PWM Off-Time Period
When the internal power MOSFET turns off, the current recir-
culation diode, D1, is forward biased by the back electromotive
force (BEMF) in the inductor, L1, and D1 turns on. Then the
energy stored in L1 during PWM on-time flows through the recir-
culation path shown as IOFF in figure 2.
Turning-On Period
After the fixed off-time, tOFF, the internal power MOSFET turns
on again, and the PWM on-time period repeats. The cycle is
shown in figure 2 panel B.
Internal PWM Control Circuit
Figure 3 shows the internal PWM control circuit, and figure
4 shows the timing diagram of that circuit. When the power
MOSFET turns on, both the load current and VSEN across the cur-
rent detection resistor RS increase.
+
-
+
-
Logic
OUT
To LED load
SEN
GND
REG
LC5200
PWM
REF
RPWM
CPWM
RS
VREF
6V
2V
3V
Comp1
Comp2
Gate Driver
R
Q
S
Blank Pulse
I
O
Figure 3. Current Control Circuit
Figure 4. Current Control Circuit Timing Chart
Figure 2. Current Control of Buck Converter
IOFF
GND
ION
OUT
SEN
GND
RS
D1
L1
LC5200
VIN
VLED
VSEN
MOSFET
VSEN
VREF
LED current
ILED
ION
IOFF
OFF
ON
tOFF
OFF
ION
IOFF
ON
MOSFET
(A)
(B)
VPWM
Comp1
Negative IN
Comp2
Comp2
OUT
A
B
EN
VSEN
VREF
LED Current
ILED
ION
IOFF
tOFF
ION
IOFF
MOSFET
DS
DS
EN
DS
OT Comp
OUT
ON
OFF
ON
tBLK
tBLK


Numéro de pièce similaire - LC5210D

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
LC5210D ALLEGRO-LC5210D Datasheet
601Kb / 15P
   LED Drivers
logo
Sanken electric
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
More results

Description similaire - LC5210D

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
   Off-Line, High Brightness LED Driver
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com