Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM15088BO Fiches technique(PDF) 2 Page - LightKey Optoelectronics Ltd.

No de pièce LM15088BO
Description  LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGHTKEY [LightKey Optoelectronics Ltd.]
Site Internet  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM15088BO Fiches technique(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM15088BO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM15088BO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM15088BO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121818
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.50 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM15088A (Common Cathode Row)
LM15088B (Common Anode Row)
NO.
ROW
5
8
2
7
9
14
1
2
8
12
3
4
7
6
5
1
4
3
4
10
13
1
PIN
NO.
COL.
PIN
2
3
6
11
5
6
8
16
15
7
NO.
ROW
2
7
14
9
12
8
7
1
1
2
3
4
6
5
5
8
4
34
10
2
3
1
13
PIN
COL.
PIN
NO.
6
11
5
61
8
7
15
6
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM15088AR
LM15088BR
GaAlAs
Super Red
640
8
10
LM15088AD
LM15088BD
GaAlAs
Hi-Red
640
18
25
LM15088AO
LM15088BO
GaAsP
Orange
625
7
9
LM15088AY
LM15088BY
GaAsP
Yellow
588
8
10
LM15088AG
LM15088BG
GaP
Green
568
7
9
LM15088AUR
LM15088BUR
AlGaInP
Ultra Red
640
30
45
LM15088AUO
LM15088BUO
AlGaInP
Ultra Orange
625
45
60
LM15088AUA
LM15088BUA
AlGaInP
Ultra Amber
605
30
45
LM15088AUY
LM15088BUY
AlGaInP
Ultra Yellow
595
30
45
LM15088AUG
LM15088BUG
AlGaInP
Ultra Green
573
30
45
LM15088APG
LM15088BPG
InGaN
Pure Green
525
120
300
LM15088AUB
LM15088BUB
InGaN
Ultra Blue
470
30
45
LM15088AUW
LM15088BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Numéro de pièce similaire - LM15088BO

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LM15088BRG LIGHTKEY-LM15088BRG Datasheet
212Kb / 3P
   LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
LM15088BURUG LIGHTKEY-LM15088BURUG Datasheet
212Kb / 3P
   LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
More results

Description similaire - LM15088BO

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LM15088ABRG LIGHTKEY-LM15088ABRG Datasheet
212Kb / 3P
   LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com