Moteur de recherche de fiches techniques de composants électroniques |
|
LM14058AG Fiches technique(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM14058AG Fiches technique(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121817 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 1.40 inch 5x8 Dot Matrix LED Display LM14058A/B Series – 1.40 inch 5x8 Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 37.40 mm (1.40 inch) matrix height Dot size: Diameter 3.00 mm Pitch: 4.70 mm Wide viewing angle Range of emitted colors I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face color Both CA or CC versions are available Cropped terminal pins RoHS compliant Package Dimensions 23.40 4.70*4=18.80 2.54*6=15.24 PIN 1 28.20 8 7 6 5 COL. 1 2 3 ROW 45 1 3 4 2 0.51 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
Numéro de pièce similaire - LM14058AG |
|
Description similaire - LM14058AG |